Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV594VFPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV594VFPR
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV594VFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV594VFPR Datasheet HTML 6Page - Texas Instruments DRV594VFPR Datasheet HTML 7Page - Texas Instruments DRV594VFPR Datasheet HTML 8Page - Texas Instruments DRV594VFPR Datasheet HTML 9Page - Texas Instruments DRV594VFPR Datasheet HTML 10Page - Texas Instruments DRV594VFPR Datasheet HTML 11Page - Texas Instruments DRV594VFPR Datasheet HTML 12Page - Texas Instruments DRV594VFPR Datasheet HTML 13Page - Texas Instruments DRV594VFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 14
0
0.5
1
1.5
2
2.5
3
3.5
012345
TJ = 100°C
TJ = 85°C
TJ = 125°C
VDD = 5 V
TA = 25°C
VFP Package
MAXIMUM OUTPUT CURRENT
vs
OUTPUT VOLTAGE
VO - Output Voltage - V
Figure 15
0
0.5
1
1.5
2
2.5
3
3.5
-40 -30 -20 -10 0
10 2030 4050 6070 80
MAXIMUM OUTPUT CURRENT
vs
AMBIENT TEMPERATURE
TA - Ambient Temperature - °C
TJ ≤ 125°C
VFP Package
Figure 16
0
1
2
3
4
5
6
7
8
9
10
1.2
1.6
2.0
2.4
2.8
3.2
3.6 3.8
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC - Common-Mode Input Voltage - V
VDD = 5 V
No Load
Figure 17
10
11
12
13
14
15
16
17
18
19
20
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC - Common-Mode Input Voltage - V
VDD = 3.3 V
No Load


Similar Part No. - DRV594VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV594VFPR TI1-DRV594VFPR Datasheet
798Kb / 27P
[Old version datasheet]   3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
More results

Similar Description - DRV594VFPR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
Toshiba Semiconductor
TB6520P TOSHIBA-TB6520P_06 Datasheet
378Kb / 19P
   PWM TYPE 3−PHASE FULL−WAVE SENSORLESS MOTOR CONTROLLER
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
TD62930PG TOSHIBA-TD62930PG Datasheet
345Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
   8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com