Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-1462037-1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # C-1462037-1
Description  THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

C-1462037-1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  C-1462037-1 Datasheet HTML 1Page - TE Connectivity Ltd C-1462037-1 Datasheet HTML 2Page - TE Connectivity Ltd C-1462037-1 Datasheet HTML 3Page - TE Connectivity Ltd C-1462037-1 Datasheet HTML 4Page - TE Connectivity Ltd C-1462037-1 Datasheet HTML 5Page - TE Connectivity Ltd C-1462037-1 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
1469-35 (3/11)
A4
RESTRICTED TO
THIS DRAWING IS A CONTROLLED DOCUMENT.
TE Connectivity
Relay-Typ
Mark 1)
Mark 2)
PN (GR)
PN (JR)
PN (TS)
PN (KS/NS)
IM07C..
07C
24
1462039-2
1462039-1
IM07D..
07D
24
7-1462039-4
7-1462039-2
IM07NS
07N
24
1-1462038-7
IM08I..
08I
2.4
1462047-3
IM11..
11
3
9-1462038-5
IM12..
12
4.5
1462039-3
IM13..
13
5
1462039-4
IM15..
15
9
8-1462039-5
IM16..
16
12
1462039-5
IM17..
17
24
1462039-6
4-1462039-6
IM21..
21
3
2-1462039-6
1-1462039-5
IM22..
22
4.5
2-1462039-7
2-1462039-8
IM23..
23
5
2-1462039-9
3-1462039-0
6-1462039-7
IM25..
25
9
3-1462039-5
IM26..
26
12
3-1462039-1
3-1462039-2
IM40..
40
1.5
5-1462037-1
IM40D..
40D
1.5
8-1462039-4
IM40NS
40N
1.5
1-1462038-8
IM41..
41
3
5-1462037-4
5-1462037-5
5-1462037-3
IM41C..
41C
3
4-1462039-2
IM41D..
41D
3
6-1462039-8
IM41NS
41N
3
1-1462038-9
IM42..
42
4.5
3-1462037-1
5-1462037-7
5-1462037-6
IM42C..
42C
4.5
4-1462039-1
IM42D..
42D
4.5
1-1462039-9
CUSTOMER DRAWING
1462037-1
HD 9121
21FEB2003
HD 9121
21FEB2003
HD 9121
21FEB2003
10:1
3
6
C1
-
-
-
-
-
mm
-
-
-
-
-
-
HJ
-
IM-Relay
Marking
-
00779
DIN 7168-m
-
SEE SHEET 1
-
-
-
*obsolete
IM0C-DOK17
DRAWING ALIAS:


Similar Part No. - C-1462037-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1462037-2 TEC-C-1462037-2 Datasheet
73Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-1462037-3 TEC-C-1462037-3 Datasheet
72Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - C-1462037-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2266100 TEC-C-2266100 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150281 TEC-C-2150281 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150291 TEC-C-2150291 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150300 TEC-C-2150300 Datasheet
3Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2266189 TEC-C-2266189 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150387 TEC-C-2150387 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150408 TEC-C-2150408 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150425 TEC-C-2150425 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150438 TEC-C-2150438 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150451 TEC-C-2150451 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2151121 TEC-C-2151121 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com