Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1044-5 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1044-5
Description  4-in-1 High-Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1044-5 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1044-5 Datasheet HTML 1Page - Dallas Semiconductor DS1044-5 Datasheet HTML 2Page - Dallas Semiconductor DS1044-5 Datasheet HTML 3Page - Dallas Semiconductor DS1044-5 Datasheet HTML 4Page - Dallas Semiconductor DS1044-5 Datasheet HTML 5Page - Dallas Semiconductor DS1044-5 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS1044
021798 6/6
TERMINOLOGY
Period: The time elapsed between the leading edge of
the first pulse and the leading edge of the following
pulse.
tWI (Pulse Width): The elapsed time on the pulse
between the 1.5 volt point on the leading edge and the
1.5 volt point on the trailing edge or the 1.5 volt point on
the trailing edge and the 1.5 volt point on the leading
edge.
tRISE (Input Rise Time): The elapsed time between the
20% and the 80% point on the leading edge of the input
pulse.
tFALL (Input Fall Time): The elapsed time between the
80% and the 20% point on the trailing edge on the input
pulse.
tPLH (Time Delay, Rising): The elapsed time between
the 1.5 volt point on the leading edge of the input pulse
and the 1.5 volt point on the leading edge of the output
pulse.
tPHL (Time Delay, Falling): The elapsed time between
the 1.5 volt point on the falling edge of the input pulse
and the 1.5 volt point on the falling edge of the output
pulse.


Similar Part No. - DS1044-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1044 MAXIM-DS1044 Datasheet
40Kb / 6P
   4?밿n?? High?밪peed Silicon Delay Line
021798
More results

Similar Description - DS1044-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1135L DALLAS-DS1135L Datasheet
131Kb / 6P
   3V 3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
   3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com