Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

435166--2 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 435166--2
Description  Dual In- Line Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

435166--2 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  435166--2 Datasheet HTML 1Page - TE Connectivity Ltd 435166--2 Datasheet HTML 2Page - TE Connectivity Ltd 435166--2 Datasheet HTML 3Page - TE Connectivity Ltd 435166--2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408- 7779
Rev B
4
of 4
Figure 7
Push Down to
ON Position
2. Determine which circuits are to be closed, then
depress applicable rockers to ON position. Refer to
Figure 7.
5. REVISION SUMMARY
S
Updated document to corporate requirements
S
New logo


Similar Part No. - 435166--2

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4351 VCC-4351 Datasheet
79Kb / 1P
   Panel Mount Lenses for T-1 (3mm) LEDs
logo
Heyco.
4351 HEYCO-4351 Datasheet
158Kb / 1P
   HEYClean® Brass Pressure Equalization and Drain Plugs
4351 HEYCO-4351 Datasheet
152Kb / 1P
   HEYClean® Brass Pressure Equalization and Drain Plugs
logo
Turck, Inc.
4351290 TURCK-4351290 Datasheet
418Kb / 3P
   Inductive Sensor
11/07/2023
4351400 TURCK-4351400 Datasheet
419Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 435166--2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
logo
COSMO Electronics Corp...
KTLP3616S COSMO-KTLP3616S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3617S COSMO-KTLP3617S Datasheet
139Kb / 6P
   Compact dual-in-line package.
KTLP3506H COSMO-KTLP3506H Datasheet
113Kb / 6P
   Compact dual-in-line package
KTLP3507S COSMO-KTLP3507S Datasheet
139Kb / 6P
   Compact dual-in-line package
KTLP3507H COSMO-KTLP3507H Datasheet
114Kb / 6P
   Compact dual-in-line package
logo
Fujikura Ltd.
FPM-07PGR FUJIKURA-FPM-07PGR Datasheet
265Kb / 4P
   Dual-in-line package (DIP)
logo
COSMO Electronics Corp...
KTLP3617H COSMO-KTLP3617H Datasheet
114Kb / 6P
   Compact dual-in-line package
KTLP3503H COSMO-KTLP3503H Datasheet
114Kb / 6P
   Compact dual-in-line package
KTLP3616H COSMO-KTLP3616H Datasheet
113Kb / 6P
   Compact dual-in-line package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com