Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62-22SC Datasheet(PDF) 8 Page - Hirose Electric

Part # DF62-22SC
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62-22SC Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF62-22SC Datasheet HTML 4Page - Hirose Electric DF62-22SC Datasheet HTML 5Page - Hirose Electric DF62-22SC Datasheet HTML 6Page - Hirose Electric DF62-22SC Datasheet HTML 7Page - Hirose Electric DF62-22SC Datasheet HTML 8Page - Hirose Electric DF62-22SC Datasheet HTML 9Page - Hirose Electric DF62-22SC Datasheet HTML 10Page - Hirose Electric DF62-22SC Datasheet HTML 11Page - Hirose Electric DF62-22SC Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
Unit : mm
Part No.
HRS No.
Packaging type
Quantity
Finish
DF62-22SCFA
544-0506-5 00
Reel contact (Note 1)
15,000 pcs/reel
Selective gold
plating
DF62-2428SCFA
544-0500-9 00
DF62-30SCFA
544-0508-0 00
DF62-22SCA
544-0526-2 00
Loose piece (Note 2)
100 pcs/pack
DF62-2428SCA
544-0527-5 00
DF62-30SCA
544-0528-8 00
DF62-22SCF
544-0520-6 00
Reel contact (Note 1)
15,000 pcs/reel
Tin plating
DF62-2428SCF
544-0521-9 00
DF62-30SCF
544-0522-1 00
DF62-22SC
544-0572-0 00
Loose piece (Note 2)
100 pcs/pack
DF62-2428SC
544-0573-2 00
DF62-30SC
544-0574-5 00
Note 1 : This product is sold in full reel quantities (15,000pcs/reel), please place orders in full reel increments.
Note 2 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
Unit : mm
Part No.
HRS No.
Packaging type
Quantity
Finish
DF62W-2022SCF
544-1015-9 00
Reel contact (Note 1)
15,000 pcs/reel
Tin plating
DF62W-2022SC
Under planning
Loose piece (Note 2)
100 pcs/pack
DF62W-2022SCFA
544-1027-0 00
Reel contact (Note 1)
15,000 pcs/reel
Gold plating
DF62W-2022SCA
Under planning
Loose piece (Note 2)
100 pcs/pack
DF62W-2226SCF
544-1000-1 00
Reel contact (Note 1)
15,000 pcs/reel
Tin plating
DF62W-2226SC
544-1012-0 00
Loose piece (Note 2)
100 pcs/pack
DF62W-2226SCFA
544-1025-0 00
Reel contact (Note 1)
15,000 pcs/reel
Gold plating
DF62W-2226SCA
Under planning
Loose piece (Note 2)
100 pcs/pack
Note 1 : This product is sold in full reel quantities (15,000pcs/reel), please place orders in full reel increments.
Note 2 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
■Socket crimping contact
■Socket crimp contact (for water-proof version)
●Applicable wire (Tinned Anneled Copper Wire)
Conductor size (Core structure)
Insulation diameter
UL
Strip length
22 AWG
(17/Ø0.16mm)
Ø1.2 to Ø1.45mm
UL1061
1.7
to 2.3mm
24 AWG
(11/Ø0.16mm)
Ø0.9 to Ø1.45mm
UL1007
26 AWG
(7/Ø0.16mm)
28 AWG
(7/Ø0.127mm)
30 AWG
(7/Ø0.1mm)
Ø0.75 to Ø1.2mm
UL1061
Note : When using wires that are not recommended by Hirose, please contact one of our sales representatives for clarification.
●Applicable wire (Tinned Anneled Copper Wire)
Conductor size (Core structure)
Insulation diameter
UL
Strip length
20 AWG
(7/Ø0.32mm)
Ø1.4
to Ø1.6mm
UL3443
1.7
to 2.3mm
22 AWG
(17/Ø0.16mm)
UL1007
24 AWG
(11/Ø0.16mm)
UL1007
UL1430
26 AWG
( 7/Ø0.16mm)
UL1430
Note 1 : When using wires that are not recommended by Hirose, please contact one of our sales representatives for clarification.
Note 2 : The Water-proof type and non-water-proof type are a not intermateable.
(11.15)
3
7.45
7.8
3
(11.5)


Similar Part No. - DF62-22SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
ITT Industries
DF62J11G215DQA ITT-DF62J11G215DQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215DQF ITT-DF62J11G215DQF Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQA ITT-DF62J11G215HQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQF ITT-DF62J11G215HQF Datasheet
273Kb / 4P
   Power Rocker Switches
More results

Similar Description - DF62-22SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com