Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV104 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV104
Description  1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV104 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DRV104 Datasheet HTML 6Page - Burr-Brown (TI) DRV104 Datasheet HTML 7Page - Burr-Brown (TI) DRV104 Datasheet HTML 8Page - Burr-Brown (TI) DRV104 Datasheet HTML 9Page - Burr-Brown (TI) DRV104 Datasheet HTML 10Page - Burr-Brown (TI) DRV104 Datasheet HTML 11Page - Burr-Brown (TI) DRV104 Datasheet HTML 12Page - Burr-Brown (TI) DRV104 Datasheet HTML 13Page - Burr-Brown (TI) DRV104 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DRV104
10
SBVS036A
www.ti.com
FIGURE 9. Non-Latching Fault Monitoring Circuit.
FIGURE 10. Latching Fault Monitoring Circuit.
FIGURE 11. Using an LED to Indicate a Fault Condition.
FIGURE 8. Simplified Duty Cycle Adjust Input.
The Duty Cycle Adjust pin is internally driven by an oscillator
frequency dependent current source and connects to the
input of a comparator, as shown in Figure 8. The DRV104’s
PWM adjustment is inherently monotonic; that is, a de-
creased voltage (or resistor value) always produces an
decreased duty cycle.
STATUS OK FLAG
The Status OK Flag (pin 13) provides a fault indication for
over-current and thermal shutdown conditions. During a fault
condition, the Status OK Flag output is driven Low (pin
voltage typically drops to 0.45V). A pull-up resistor, as shown
in Figure 9, is required to interface with standard logic. Figure
9 also gives an example of a non-latching fault monitoring
circuit, while Figure 10 provides a latching version. The
Status OK Flag pin can sink up to 10mA, sufficient to drive
external logic circuitry, a reed relay, or an LED (as shown in
Figure 11) to indicate when a fault has occurred. In addition,
the Status OK Flag pin can be used to turn off other
DRV104s in a system for chain fault protection.
Over-Current Fault
An over-current fault occurs when the PWM peak output
current is greater than typically 2.0A. The Status OK flag is
not latched. Since current during PWM mode is switched on
and off, the Status OK flag output will be modulated with
PWM timing (see the Status OK flag waveforms in the
Typical Characteristics).
Avoid adding capacitance to pins 6, 7 (OUT) because this
can cause momentary current limiting.
Over-Temperature Fault
A thermal fault occurs when the die reaches approximately
160
°C, producing an effect similar to pulling the input low.
Internal shutdown circuitry disables the output. The Status
OK Flag is latched in the Low state (fault condition) until the
die has cooled to approximately 140
°C.
2.75 • I
REF
R
PWM
+V
S
OSC
3.9V
1.3V
13
20k
+5V
Q
Q
CLR
OK
OK
OK Reset
J
CLK
GND
K
V
S
74XX76A
(1)
NOTE: (1) A small capacitor (10pF) may be required in noisy environments.
DRV104
Thermal Shutdown
Over-Current
8, 9
V
PS
6, 7
OUT
PWM
Status OK Flag
5k
+5V
Status OK Flag
(LED)
HLMP-Q156
13
DRV104
Thermal Shutdown
Over-Current
6, 7
8, 9
V
PS
OUT
PWM
DRV104
Thermal Shutdown
Over-Current
PWM
6, 7
8, 9
13
OUT
V
PS
5k
Pull-Up
+5V
Status OK Flag
TTL or HCT


Similar Part No. - DRV104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV104 TI1-DRV104 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWP TI1-DRV104PWP Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
DRV104PWP TI1-DRV104PWP Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPG4 TI1-DRV104PWPG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPR TI1-DRV104PWPR Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
More results

Similar Description - DRV104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPR TI1-DRV104PWPR Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F Datasheet
291Kb / 7P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com