Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX15S-51S-0.5SH Datasheet(PDF) 1 Page - Hirose Electric

Part # FX15S-51S-0.5SH
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15S-51S-0.5SH Datasheet(HTML) 1 Page - Hirose Electric

  FX15S-51S-0.5SH Datasheet HTML 1Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 2Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 3Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 4Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 5Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 6Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 7Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 8Page - Hirose Electric FX15S-51S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15 Series
Contacts consolidated into 1 row for equal length transmission lines
Mating side: 1 mm pitch, staggered 2-row construction
Termination side: 0.5mm pitch, 1-row construction
Features
1. Space-saving
Reduction in space is achieved by designing the
contacts in 2-row staggered 1mm pitch on the
mating side and on a single row 0.5mm pitch on
the termination side (Fig.1).
2. Equal length transmission lines
Contact configuration provides equal length
transmission lines, which prevents LVDS signal
loss within the connector.
3. Variations
Availability of shielded and non-shielded types
allows for design flexibility and cost reduction.
4. Self alignment and self-guiding
Built-in guide posts allow secure self-alignment
within ±1.5mm (Fig.2).
5. Secure and complete mating / unmating
Side latch locking provides complete and secure
mating, as well as easy unmating (Fig.3).
6. Enhanced shielding performance with
FX15S
Enlarged metal shields prevent intrusion and
emission of electromagnetic interference, which
enhances the integrity of the LVDS signal (Fig.4).
7. RoHS compliant
All materials and substances used to produce this
product comply with RoHS standards.
Space saving, Equal length transmission lines
0
0.1 0.2
0.3
0.5
1
2
3
1.5
-10
-20
-30
-40
-50
Frequency (GHz)
With metal
Without metal
High Shielding Performance
Fig.1
Self-alignment of ±1.5mm
Side latch -locks
Large guide post
1.5mm
1.5mm
1.5mm
With metal shields
(FX15 and FX15S Series)
Without metal shields
(FX15M Series)
Fig.2
Fig.3
Fig.4
2015.10
e


Similar Part No. - FX15S-51S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15S-51S-05SH HIROSE-FX15S-51S-05SH Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15S-51S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com