Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX15S-41S-0.5SH Datasheet(PDF) 2 Page - Hirose Electric

Part # FX15S-41S-0.5SH
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15S-41S-0.5SH Datasheet(HTML) 2 Page - Hirose Electric

  FX15S-41S-0.5SH Datasheet HTML 1Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 2Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 3Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 4Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 5Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 6Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 7Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 8Page - Hirose Electric FX15S-41S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FX15 Series
1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Note 1 : Includes temperature rise caused by current flow.
Note 2 : The term “storage” refers to products stored for long period of time prior to mounting and use. Operating
temperature and humidity range includes non-conducting condition of installed connectors in storage, shipment or
during transportation.
Note 3 : Includes wire conductor resistance (12mm long).
Receptacle
Plug
■Product Specifications
■Materials / Finish
Ratings
Current rating
Voltage rating
0.5A
100V AC
Operating temperature range
Storage temperature range
-55ç to +80ç (Note 1)
-10ç to +60ç (Note 2)
Item
Specification
Conditions
1. Contact resistance
60mø max. (Note 3)
1mA
2. Insulation resistance
500Mø min.
100V DC
3. Withstanding voltage
No flashover or insulation breakdown.
300V AC/one minute
4. Insertion-Extraction force
2N min., 30N max.
With corresponding connector
5. Mating cycles
Contact resistance : 80mø max.(Note 3)
50 cycles
6. Vibration resistance
No electrical discontinuity of 1µs or more.
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours, 3 axis
7. Shock resistance
No electrical discontinuity of 1µs or more.
Acceleration of 490m/s2, 11ms durations, sine half-wave waveform, 3 cycles, 3axis.
8. Humidity resistance
Contact resistance : 80mø max.
No damage, cracks, or parts dislocation.(Note 3)
96 hours at 40ç, RH 90% to 95%
9. Temperature cycle
Contact resistance : 80mø max. (Note 3)
Insulation resistance : 500Mø min.
Temperature : -55ç
→ +15ç to +35ç → +85ç → +15ç to +35ç
Time
: 30
→ 5 → 30 → 5 (Minutes) 5 cycles
10. Salt spray
Contact resistance : 80mø max. (Note 3)
No corrosions
5% water solution for 48 hours.
Component
Material
Finish
Remarks
Insulator
Polyamide
Color : Black
UL94V-0
Contact
Phosphor bronze
Contact area : Gold plated
Termination area : Tin plated
---------------
Metal shell (shielded version only)
FX15S : Nickel silver
FX15SC : Stainless steel
FX15S : ---------------
FX15SC : Tin plated
---------------
Metal fittings (shielded version only)
Phosphor bronze
Selective gold flash plated
---------------
Component
Material
Finish
Remarks
Insulator
Polyamide
Color : Black
UL94V-0
Contact
Phosphor bronze
Contact area : Gold plated
Termination area : Tin plated
---------------
Metal shell (shielded version only)
Nickel silver
---------------
---------------
Metal latch locks (shielded version only)
Stainless steel
---------------
---------------
Metal shell, metal latch locks
(on micro coax version only)
Stainless steel
Nickel plated
---------------
qSeries Name
: FX15
wConfiguration
Blank
: With shields (or crimp contact)
15S
: With shields – enhanced shielding
15SC
: With shields – enhanced shielding
(PCB mounting pattern : VESA standard)
15M
: Without shields
eNumber of contacts
rConnector type
P
: Male contact
S
: Female contact
tContact pitch
: 0.5 mm
yHousing configuration
SH
: Right angle
SV
: Straight
uTermination
C
: Crimp
0.5SD : Micro-coaxial cable
GND
: Separate ground plate
iApplicable conductor
2830
: 28 to 30 AWG
3032
: 30 to 32 AWG
oPackaging
PCF
: Male contact / reel
!0Plating (contact area) B
: Gold plated
!1Packaging
Blank
: Embossed Packaging (1,000 pcs/reel)
(30)
: Embossed Packaging (100 pcs/reel)
FX15 S - 31 S - 0.5 SH (**)
Receptacle
FX15 S - 31 P - C
Plug
FX15 - 3032 PCF B
Crimp contact
■Product Number Structure
!0
o
i
q
u
!1
y
t
r
e
w
q
r
e
w
q


Similar Part No. - FX15S-41S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15S-41S-05SH HIROSE-FX15S-41S-05SH Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15S-41S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com