Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX15SC-41S-0.5SH Datasheet(PDF) 5 Page - Hirose Electric

Part # FX15SC-41S-0.5SH
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15SC-41S-0.5SH Datasheet(HTML) 5 Page - Hirose Electric

  FX15SC-41S-0.5SH Datasheet HTML 1Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 2Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 3Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 4Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 5Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 6Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 7Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 8Page - Hirose Electric FX15SC-41S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FX15 Series
1mm Pitch Wire-to-Board Connectors supporting LVDS signal
C±0.3
F±0.15
P=1±0.1
P=1±0.1
E±0.15
No.1
No.n-1
No.2
No.n
B±0.3
(A)
(D)
4.2±0.3
Polarizing mark
indicator
Without shields (FX15M-**P-C)
4±0.3
24.6±0.3
(27)
18.3±0.3
3.7±0.3
22.57±0.15
2.7±0.1
14±0.15
P=1±0.1
P=1±0.1
15±0.15
No.1
No.2
No.30
No.31
B
28
A
Polarizing mark
indicator
With shields – enhanced shielding
28 to 30 AWG (FX15SW-31P-C)
Note 1 : Packaged in trays.
Note 2 : Dimensions in parenthesis ( ) are reference dimensions.
Part No.
HRS No.
No. of contacts
RoHS
FX15SW-31P-C
575-2113-1
31
Yes
Part No.
HRS No.
No. of contacts
A
B
C
D
E
F
RoHS
FX15M-21P-C
575-2109-4
21
24.8
20.5
13.7
25.8
9
10
Yes
FX15M-31P-C
575-2108-1
31
29.8
25.5
18.7
30.8
14
15
Note 1 : Sold in 100 piece packages. Please order in full package quantities.
Note 2 : Dimensions in parenthesis ( ) are reference dimensions.


Similar Part No. - FX15SC-41S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15SC-41S-05SH HIROSE-FX15SC-41S-05SH Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15SC-41S-05SV HIROSE-FX15SC-41S-05SV Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15SC-41S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com