Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62W-6S-2.2C Datasheet(PDF) 9 Page - Hirose Electric

Part # DF62W-6S-2.2C
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62W-6S-2.2C Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF62W-6S-2.2C Datasheet HTML 4Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 5Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 6Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 7Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 8Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 9Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 10Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 11Page - Hirose Electric DF62W-6S-2.2C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
Unit : mm
Part No.
HRS No.
Packaging type
Quantity
Finish
DF62-EP22PCFA
544-0507-8 00
Reel contact (Note 1)
15,000 pcs/reel
Selective gold
plating
DF62-EP2428PCFA
544-0501-1 00
DF62-EP30PCFA
544-0509-3 00
DF62-EP22PCA
544-0529-0 00
Single contact (Note 2)
100 pcs/pack
DF62-EP2428PCA
544-0530-0 00
DF62-EP30PCA
544-0531-2 00
DF62-EP22PCF
544-0523-4 00
Reel contact (Note 1)
15,000 pcs/reel
Tin plating
DF62-EP2428PCF
544-0524-7 00
DF62-EP30PCF
544-0525-0 00
DF62-EP22PC
544-0575-8 00
Single contact (Note 2)
100 pcs/pack
DF62-EP2428PC
544-0576-0 00
DF62-EP30PC
544-0577-3 00
Note 1 : This product is sold in full reel quantities (15,000pcs/reel), please place orders in full reel increments.
Note 2 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
■Plug crimping contact
●Applicable wire (Tinned Anneled Copper Wire)
Conductor size (Core structure)
Insulation diameter
UL
Strip length
22 AWG (17/Ø 0.16mm)
Ø1.2 to Ø1.45mm
UL1061
1.7
to 2.3mm
24 AWG (11/Ø 0.16mm)
Ø0.9 to Ø1.45mm
UL1007
26 AWG (7/Ø 0.16mm)
28 AWG (7/Ø 0.127mm)
30 AWG (7/Ø 0.1mm)
Ø0.75 to Ø1.2mm
UL1061
Note : When using wires that are not recommended by Hirose, please contact one of our sales representatives for clarification.
Unit : mm
Part No.
HRS No.
Packaging type
Quantity
Finish
DF62W-EP2022PCF
544-1016-1 00
Reel contact (Note 1)
15,000 pcs/reel
Tin plating
DF62W-EP2022PC
Under planning
Single contact (Note 2)
100 pcs/pack
DF62W-EP2022PCFA
544-1028-0 00
Reel contact (Note 1)
15,000 pcs/reel
Gold plating
DF62W-EP2022PCA
Under planning
Single contact (Note 2)
100 pcs/pack
DF62W-EP2226PCF
544-1001-4 00
Reel contact (Note 1)
15,000 pcs/reel
Tin plating
DF62W-EP2226PC
544-1013-2 00
Single contact (Note 2)
100 pcs/pack
DF62W-EP2226PCFA
544-1026-0 00
Reel contact (Note 1)
15,000 pcs/reel
Gold plating
DF62W-EP2226PCA
Under planning
Single contact (Note 2)
100 pcs/pack
Note 1 : This product is sold in full reel quantities (15,000pcs/reel), please place orders in full reel increments.
Note 2 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
■Plug crimping contact (for water-proof version)
●Applicable wire (Tinned Anneled Copper Wire)
Conductor size (Core structure)
Insulation diameter
UL
Strip length
20 AWG
(7/Ø0.32mm)
Ø1.4 to Ø1.6mm
UL3443
1.7
to 2.3mm
22 AWG
(17/Ø0.16mm)
UL1007
24 AWG
(11/Ø0.16mm)
UL1007
UL1430
26 AWG
(7/Ø0.16mm)
UL1430
Note 1 : When using wires that are not recommended by Hirose, please contact one of our sales representatives for clarification.
Note 2 : The Water-proof type and non-water-proof type are a not intermateable.
11.6
3
(15.3)


Similar Part No. - DF62W-6S-2.2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF62W-EP2226PC HIROSE-DF62W-EP2226PC Datasheet
38Kb / 1P
   CONN PIN 22-26AWG CRIMP TIN
More results

Similar Description - DF62W-6S-2.2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com