Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF60-8SCFA Datasheet(PDF) 5 Page - Hirose Electric

Part # DF60-8SCFA
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF60-8SCFA Datasheet(HTML) 5 Page - Hirose Electric

  DF60-8SCFA Datasheet HTML 1Page - Hirose Electric DF60-8SCFA Datasheet HTML 2Page - Hirose Electric DF60-8SCFA Datasheet HTML 3Page - Hirose Electric DF60-8SCFA Datasheet HTML 4Page - Hirose Electric DF60-8SCFA Datasheet HTML 5Page - Hirose Electric DF60-8SCFA Datasheet HTML 6Page - Hirose Electric DF60-8SCFA Datasheet HTML 7Page - Hirose Electric DF60-8SCFA Datasheet HTML 8Page - Hirose Electric DF60-8SCFA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF60 Series
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
+
-
+
-
Headers with 1 to 4 pos.
Headers with 5 to 6 pos.
■Right angle pin header
gold plating,
tray packaging
3 pos.
5 pos.
Standard Type
Part No.
HRS No.
No. of Contacts
AB
C
Quantity per package Guide key
Color
DF60-1P-10.16DS(27)
680-3015-1 27
1
——
15.2
8.35
120
Left
Black
DF60-2P-10.16DS(27)
680-3016-4 27
2
10.16
22.36
15.51
72
DF60-3P-10.16DS(27)
680-3017-7 27
3
20.32
32.52
25.67
48
DF60-4P-10.16DS(27)
680-3018-0 27
4
30.48
42.68
35.83
36
DF60-5P-10.16DS(27)
680-3019-2 27
5
40.64
52.84
45.99
24
DF60-6P-10.16DS(27)
680-3020-1 27
6
50.8
63
56.15
Standard Type [Color : Red]
Part No.
HRS No.
No. of Contacts
AB
C
Quantity per package Guide key
Color
DF60-2P-10.16DS(45)
680-3016-4 45
2
10.16
22.36
15.51
72
Left
Red
R Type
Part No.
HRS No.
No. of Contacts
AB
C
Quantity per package Guide key
Color
DF60R-2P-10.16DS(27)
680-3043-7 27
2
10.16
22.36
15.51
72
Right
Gray
DF60R-3P-10.16DS(27)
680-3044-0 27
3
20.32
32.52
25.67
48
Note : Please place orders in full lot quantities.
Unit:mm


Similar Part No. - DF60-8SCFA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF600R12IP4D INFINEON-DF600R12IP4D Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
2009-08-14 revision:2.2
logo
SanRex Corporation
DF60AA120 SANREX-DF60AA120 Datasheet
91Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF60AA160 SANREX-DF60AA160 Datasheet
91Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF60BA40 SANREX-DF60BA40 Datasheet
91Kb / 2P
   DIODE (THREE PHASES BRIDGE TYPE)
DF60BA80 SANREX-DF60BA80 Datasheet
91Kb / 2P
   DIODE (THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF60-8SCFA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com