Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF59M-2628PCF Datasheet(PDF) 9 Page - Hirose Electric

Part # DF59M-2628PCF
Description  2mm Pitch, Multi Functional Connector System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59M-2628PCF Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF59M-2628PCF Datasheet HTML 4Page - Hirose Electric DF59M-2628PCF Datasheet HTML 5Page - Hirose Electric DF59M-2628PCF Datasheet HTML 6Page - Hirose Electric DF59M-2628PCF Datasheet HTML 7Page - Hirose Electric DF59M-2628PCF Datasheet HTML 8Page - Hirose Electric DF59M-2628PCF Datasheet HTML 9Page - Hirose Electric DF59M-2628PCF Datasheet HTML 10Page - Hirose Electric DF59M-2628PCF Datasheet HTML 11Page - Hirose Electric DF59M-2628PCF Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DF59 Series2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Applicable Crimping Tool
Mating Dimensions
Types
Part No.
HRS No.
Applicable Contact
Remarks
Applicator
AP105-DF59-22P
901-4619-8 00
DF59-22PCFA
AP105-DF59M-2224P 901-4638-2
DF59M-2224PCF
DHS887200H-UP
(Note 2) Manufactured by Japan Automatic Machine Co., Ltd.
AP105-DF59M-2628P 901-4639-5
DF59M-2628PCF
DHS887300H-UP
(Note 2) Manufactured by Japan Automatic Machine Co., Ltd.
Press Unit
CM-105
901-0005-4 00
-
Hand Tool
HT801/DF59-22P
901-4619-8 00
DF59-22PCA
※UL1061 AWG#22 Only
HT801/DF59M-2224P
550-0420-3
DF59M-2224PC
※UL10368 AWG#22、24 Only
HT801/DF59M-2628P
550-0421-6
DF59M-2628PC
※UL10368 AWG#26、28 Only
Hand Tool
(W-to-B)
DF-C-PO(B)
550-0179-2 00
DF59-22PCFA
DF59-22PCA
DF-C-PO(A)
550-0170-8 00
DF59M
Series
Extraction Tool
(B-to-B)DF59SN-1P-FC/IN-TOOL
667-0040-2 00
DF59SN-1P-FC
Note 1 : Customers are strongly encouraged to utilize HRS application tooling or tooling created by a Hirose tooling partner.
Hirose assumes no liability for customers using tooling from non-recognized sources.
Note 2 : Please contact Japan Automatic Machine Co., Ltd. (hereinafter J.A.M.) through their website regarding crimping issues
when using applicators manufactured by J.A.M. URL http://www.jam-net.co.jp
●Board-to-board connection (floating plug)
[Standard]
[Single contact type]
DF59-*P-2FC
DF59-*S-2V
DF59-*S-2V
(0.5)
(17.1)
DF59S-1P-FC
Contact
portion
Contact
portion
Lock
portion
DF59S-1S-V
DF59S-1S-V
(21.6)
(0.5)
[Single contact slim type]
●Short-circuit pin connection
DF59SN-1P-FC
DF59S-1S-V
DF59S-1S-V
(18.6)
(17.7)
(0.5)
Contact
portion
Contact
portion
Lock
portion
DF59-*P-2SP
DF59-*S-2V
(7.95)
●Wire-to-Board connection
[Single contact type]
●Wire-to-Board Mated condition
[Standard]
DF59-*P-2C
DF59-*S-2V


Similar Part No. - DF59M-2628PCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF59S ETC1-DF59S Datasheet
320Kb / 1P
   3-Way System Mono-Pole Connectors
More results

Similar Description - DF59M-2628PCF

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
   PXI Functional Test System
logo
Molex Electronics Ltd.
ATS-640160039 MOLEX-ATS-640160039 Datasheet
131Kb / 3P
   ServiceGradeÔ Multi-Functional Tool
07-10-12
logo
List of Unclassifed Man...
PQ09R05 ETC1-PQ09R05 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
logo
Molex Electronics Ltd.
64016-0039 MOLEX-64016-0039 Datasheet
131Kb / 3P
   ServiceGrade횚 Multi-Functional Tool
07-10-12
logo
Logic Fruit Technologie...
SMFD LFTECH-SMFD Datasheet
190Kb / 2P
   Smart Multi-Functional Display (SMFD)
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
   TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
   TS-8900 Automotive Electronics Functional Test System
logo
Bivar, Inc.
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
   MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com