Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF-C-PO(B) Datasheet(PDF) 2 Page - Hirose Electric

Part No. DF-C-PO(B)
Description  1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF-C-PO(B) Datasheet(HTML) 2 Page - Hirose Electric

  DF-C-PO(B) Datasheet HTML 1Page - Hirose Electric DF-C-PO(B) Datasheet HTML 2Page - Hirose Electric DF-C-PO(B) Datasheet HTML 3Page - Hirose Electric DF-C-PO(B) Datasheet HTML 4Page - Hirose Electric DF-C-PO(B) Datasheet HTML 5Page - Hirose Electric DF-C-PO(B) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DF65 Series1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
■Product Specifications
Ratings
Current
Rating
No. of Contacts
24 AWG 26 AWG 28 AWG Operating Temperature Range
Operating aHumidity Range
40 to 105℃(注2)
20 to 80%(注3)
3
4A
2.5A
2.5A
4
Storage Temperature Range
Storage Humidity Range
10 to 60℃(注4)
40 to 70%(注4)
5
6
3.5A
2A
2A
UL/C-UL/File No. and Recognition No.
UL
E52653
C-UL
E52653
7
Voltage Rating Specification
AC/DC 50V
Item
Specifications
Conditions
1. Insulation
resistance
100Mø min.
Measured at DC 100V
2. Withstand voltage
No flashover or breakdown
AC 500V is applied for one minute.
3.Contact resistance
10mø max.
Measured at 1mA and no higher than 20mV
4. Vibration
Resistance
No electrical discontinuity for more than 1µs
10 cycles in each of three directions at frequency
10-55 Hz, half amplitude 0.75mm
5. Shock Resistance
No electrical discontinuity for more than 1µs
Accelerated velocity : 490m/s
2, for 11 ms, half-sine in 3
directions, 3 times for each of the three directions
6. Moisture-
resistance
Contact resistance : 20mø max.
Insulation resistance : 500Mø min.
Temperature : 40 ±2ç ; humidity : 90 to 95%, left
as it is for 96 hours
7. Temperature
cycles
Contact resistance : 20mø max.
Insulation resistance : 500Mø min.
-55ç : 30 minutes → 5 - 35ç : 2 - 3 minutes
→ 85℃ : 30 minutes → 5 - 35ç : 2 - 3 minutes)
5 cycles
8. Durability
Contact resistance : 20mø max.
Tin plated : 30 mating cycles
Gold plated : 50 mating cycles
9. Resistance to
solder heat
The resin components will not become
deformed or lose performance due to
deformities
Reflow : according to the recommended
temperature profile
Hand soldering : temperature of soldering iron at
350ç±10ç for 3 seconds
Note 1 : This is the maximum current rating while all pins are powered or used as all power lines. If you split the current over
multiple lines, please factor in your own safety margin. Please contact Hirose Electric, for inquiries on the assignment
of pins and on the currents that can be delivered.
Note 2 : Includes the temperature rise of power lines.
Note 3 : Use without condensation on parts.
Note 4 : The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
■Materials / Finish
Product
Part
Materials
Finish
UL specification
Header
Insulator
LCP
Black
UL94V-0
Contact
Brass
Tin Plated or Gold plated
Crimp socket
Insulator
LCP
Beige
UL94V-0
Crimp contact
Contact
Phosphorous Bronze
Tin Plated or Gold plated
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Header connector
DF 65 - * P - 1.7 V
❶❷
❸ ❹
●Socket connector
DF 65 - * S - 1.7 C
❶❷
❸ ❹
●Crimp contact
DF 65 - 2428 SCF
❶❷
Applicable wire size
 2428:24 to 28 AWG
Packaging style
 SCF : Socket contact・Reel・Tin plated
 SCFA : Socket contact・Reel・Gold plated
Series Name:DF
Series No.
: 65
Number of contacts
: 3, 4, 5, 6, 7
Connector type
P:Header
Pitch
: 1.7mm
Mounting style
 V
: SMT Straight Type
Series Name
: DF
Series No. : 65
Number of contacts
: 3, 4, 5, 6, 7
Connector type
 S:socket
Pitch : 1.7mm
Termination form
 C : crimp case


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn