Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF57AH-6S-1.2C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF57AH-6S-1.2C
Description  Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF57AH-6S-1.2C Datasheet(HTML) 4 Page - Hirose Electric

  DF57AH-6S-1.2C Datasheet HTML 1Page - Hirose Electric DF57AH-6S-1.2C Datasheet HTML 2Page - Hirose Electric DF57AH-6S-1.2C Datasheet HTML 3Page - Hirose Electric DF57AH-6S-1.2C Datasheet HTML 4Page - Hirose Electric DF57AH-6S-1.2C Datasheet HTML 5Page - Hirose Electric DF57AH-6S-1.2C Datasheet HTML 6Page - Hirose Electric DF57AH-6S-1.2C Datasheet HTML 7Page - Hirose Electric DF57AH-6S-1.2C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF57 SeriesLow Profile “Swing-Lock” Board to Wire Connector for Power
[Specification number]
(21):Tin plated, Embossed tape
packaging (5,000 pcs/reel)
[Specification number]
(21):Tin plated, Embossed tape
packaging (5,000 pcs/reel)
■Header(SMT)
0.25
P=1.2
Contact No.1
B
C
Vacuum area
A
Contact No.1
0.25
Vacuum area
B
A
C
Recommended PCB layout
(Thickness: 1.0mm)
Recommended PCB layout
(Thickness: 1.0mm)
Above image is 3 pos.
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
DF57H-2P-2.4V(21)
666-0109-0 21
2
5.3
2.4
3.7
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
DF57H-2P-1.2V(21)
666-0104-7 21
2
4.1
1.2
2.5
DF57H-3P-1.2V(21)
666-0105-0 21
3
5.3
2.4
3.7
DF57H-4P-1.2V(21)
666-0106-2 21
4
6.5
3.6
4.9
DF57H-5P-1.2V(21)
666-0107-5 21
5
7.7
4.8
6.1
DF57H-6P-1.2V(21)
666-0108-8 21
6
8.9
6.0
7.3
Note 1 : Embossed tape reel packaging (5,000 pcs/reel).
Note 2 : The crossed-shaded area is a no conductive trace area.


Similar Part No. - DF57AH-6S-1.2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF57 HIROSE-DF57 Datasheet
925Kb / 8P
   Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
DF57-2830SCF HIROSE-DF57-2830SCF Datasheet
925Kb / 8P
   Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
DF57-2P-1.2V HIROSE-DF57-2P-1.2V Datasheet
925Kb / 8P
   Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
DF57-2S-1.2C HIROSE-DF57-2S-1.2C Datasheet
925Kb / 8P
   Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
DF57-3P-1.2V HIROSE-DF57-3P-1.2V Datasheet
925Kb / 8P
   Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
More results

Similar Description - DF57AH-6S-1.2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
logo
Molex Electronics Ltd.
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333481 MOLEX1-5054333481 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com