Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF60-2P-10.16DSA(45) Datasheet(PDF) 9 Page - Hirose Electric

Part # DF60-2P-10.16DSA(45)
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF60-2P-10.16DSA(45) Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF60-2P-10.16DSA(45) Datasheet HTML 4Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 5Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 6Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 7Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 8Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 9Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 10Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 11Page - Hirose Electric DF60-2P-10.16DSA(45) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DF60 Series
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
BRemoving Contacts
BPrecautions for use
BRated values
BOperating environment
●Contact extraction tool: precision screwdriver (flathead screwdriver with 1.4mm in width across flats)
●For Crimp contacts: DF60-8SC(F)A, DF60-1012SC(F)A, DF60-8PC(F)A, DF60-1012PC(F)A
●Procedure
 Sectioned drawing of the housing
1. The connector could be damaged if it is pulled out forcibly. When it is hard to pull out, push it in slightly first and then depress
the lock and un- mate.
2. When thick, short sections of wire are used, the connector could be deformed due to the force of the wires’ position. Route
cables in such a way that they do not twist when being installed.
3. Make sure to turn off the power when mating or un-mating the connector.
4. Please do not touch any area around the contact part with your hand when the power is on; it could be very dangerous.
5. Please contact our Sales Department about the assembly procedure and the instruction manual.
Please avoid using the device above the rated values. Also, do not insert or pull out energized or “ live” wires.
Please contact us if you are designing this connector into environmental conditions where high and low temperatures
are repeated.
Due to any previous repairs, the strength of the lance could have been compromised. Hirose recommends the
use of a new crimp housing to assure proper performance.
1. After unmating the parts,
position the screwdriver to
raise the lance as shown in
the illustration.
2. The lance needs to be
raised sufficiently to allow the
terminated wire to slip past it.
The lance needs to be held
up while at the same time
pulling on the wire.
Caution
Please be very careful when removing the contact
work so that you don’t become injured by the
protruding part of the crimp contact.
Precision
screwdriver
Before attempting to remove any contacts,
make sure that the power is switched off and the system is de-energized.


Similar Part No. - DF60-2P-10.16DSA(45)

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF600R12IP4D INFINEON-DF600R12IP4D Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
2009-08-14 revision:2.2
logo
SanRex Corporation
DF60AA120 SANREX-DF60AA120 Datasheet
91Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF60AA160 SANREX-DF60AA160 Datasheet
91Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF60BA40 SANREX-DF60BA40 Datasheet
91Kb / 2P
   DIODE (THREE PHASES BRIDGE TYPE)
DF60BA80 SANREX-DF60BA80 Datasheet
91Kb / 2P
   DIODE (THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF60-2P-10.16DSA(45)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com