Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF33C-4S-3.3C Datasheet(PDF) 2 Page - Hirose Electric

Part # DF33C-4S-3.3C
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C-4S-3.3C Datasheet(HTML) 2 Page - Hirose Electric

  DF33C-4S-3.3C Datasheet HTML 1Page - Hirose Electric DF33C-4S-3.3C Datasheet HTML 2Page - Hirose Electric DF33C-4S-3.3C Datasheet HTML 3Page - Hirose Electric DF33C-4S-3.3C Datasheet HTML 4Page - Hirose Electric DF33C-4S-3.3C Datasheet HTML 5Page - Hirose Electric DF33C-4S-3.3C Datasheet HTML 6Page - Hirose Electric DF33C-4S-3.3C Datasheet HTML 7Page - Hirose Electric DF33C-4S-3.3C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DF33C Series
3.3mm Pitch Small Size Connectors for Internal Power Source
Product Specifications
Ratings
Rated
Current
(Note 1)
No. of rows No. of Contacts
20 AWG
22 AWG
Operating Temperature Range -35 to +85ç (Note 2)
1
2 to 6 contacts
5A
5A
Operating Humidity Range
40 to 80% (Note 3)
2
4 to 12 contacts
5A
4A
Storage Temperature Range
-10 to +60ç (Note 4)
Rated
Voltage
AC/DC 500V
Storage Humidity Range
40 to 70% (Note 4)
Items
Specifications
Conditions
1. Contact Resistance
No more than 10mø (initially)
Measured at 20mV or below and 1mA
2. Insulation Resistance
No less than 1,000Mø
Measured at DC 500V
3. Withstanding Voltage
No flashover or breakdown
Apply AC 1500V for one minute
4. Contact Insertion and
Extraction Forces
0.5N Min, 4.5N Max
Measured with a
0.5 ±0.002 steel pin
5. Durability
Contact Resistance : no more than 20mø
30 mating cycles
6. Vibration Resistance
No electrical discontinuity of 1µs or greater
Frequency 10-55Hz, half amplitude 0.75mm,
3 directions, 10 times each
7. Shock Resistance
No electrical discontinuity of 1µs or greater
Acceleration : 490m/s
2, 11ms, Semi-sinusoidal
3 direction 3 times each.
8. Moisture-resistance
Contact Resistance : no more than 20mø
Insulation Resistance : no less than 500Mø
Left at temperature 40 ±2°C, humidity 90 to
95%, 96 hours
9. Temperature Cycles
Contact Resistance : no more than 20mø
Insulation Resistance : no less than 1000Mø
-55°C : 30 minutes → 85°C : 30 minutes
5 cycles
10. Soldering Heat
Resistance
The resin parts should withstand the temperature
and resist melting.
Flow : 260°C, 10 sec.
Hand solder : Soldering
iron temperature,
300ç, 3 sec.
Note 1 : This is the maximum current rating while all pins are powered or used as all power lines.
If you split the current over multiple lines, please factor in your own safety margin. Please contact Hirose Electric for
inquiries on the assignment of pins and on the currents that can be delivered.
Note 2 : Includes temperature rise caused by current flow.
Note 3 : The connector should be completely dry. (no condensation present)
Note 4 : The term “storage” refers to the long-term storage condition of unused products before PCB mounting.
The operating temperature and humidity ranges are applied while in a non-energized state, while in transport or after PCB
mounting.
Materials / Finish
Product
Component
Materials
Finish
UL rating
Crimp socket
Insulator
PBT
White (Note 1)
UL94V-0
Crimp contact
Contact
Copper alloy
Tin plating
---------------
Pin header
Insulator
PBT
White (Note 1)
UL94V-0
Contact
Brass
Tin plating
---------------
Retainer
Insulator
PBT
Black
UL94V-0
Note 1 : Resin color of different guide key type (DF33CR) is black.
Product Number Structure
Connector
Contact
DF33C R − 2 S − 3.3 C
DF33A − 2022 SCF
Series Name : DF33C
Guide key shape
None : Standard (Resin color : White)
R : Different guide key type
(Resin color : Black)
No. of contacts : 2 to 6 (single row product)
: 4 to 12 (double row product)
Connector type
S
: Single row socket
DS
: Double row socket
P
: Single row pin header
DP
: Double row pin header
RS
: Single row retainer
RDS : Double row retainer
Contact pitch : 3.3 mm
Termination/terminal shape
C
: Crimp housing
DSA
: Straight pin header
Blank : Retainer
Applicable wire size
2022 : 20 to 22 AWG
Packing type
SCF : Socket contact / reel
SC : Socket contact / pack


Similar Part No. - DF33C-4S-3.3C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33-12DP-3.3C HIROSE-DF33-12DP-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DP-3.3DSA HIROSE-DF33-12DP-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3C HIROSE-DF33-12DS-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12DS-3.3DSA HIROSE-DF33-12DS-3.3DSA Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF33-12P-3.3C HIROSE-DF33-12P-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
More results

Similar Description - DF33C-4S-3.3C

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BNI JST-BNI Datasheet
118Kb / 4P
   3.3mm pitch/Disconnectable Crimp style connectors
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Wabash Transformer Inc.
PSV-01-10 WABASH-PSV-01-10 Datasheet
678Kb / 2P
   Small Size Power Transformer
logo
Panasonic Battery Group
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Intersil Corporation
ISL98608 INTERSIL-ISL98608 Datasheet
124Kb / 2P
   High Efficiency Power Supply for Small Size Displays
December 23, 2014
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
Renesas Technology Corp
ISL98608 RENESAS-ISL98608 Datasheet
4Mb / 39P
   High Efficiency Power Supply for Small Size Displays
logo
Intersil Corporation
ISL98607R5576 INTERSIL-ISL98607R5576 Datasheet
797Kb / 23P
   High Efficiency Power Supply for Small Size Displays
May 7, 2014
logo
Anpec Electronics Corop...
APW7252 ANPEC-APW7252 Datasheet
398Kb / 24P
   High Efficiency Power Supply for Small Size Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com