Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF62 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF62
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62 Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF62 Datasheet HTML 2Page - Hirose Electric DF62 Datasheet HTML 3Page - Hirose Electric DF62 Datasheet HTML 4Page - Hirose Electric DF62 Datasheet HTML 5Page - Hirose Electric DF62 Datasheet HTML 6Page - Hirose Electric DF62 Datasheet HTML 7Page - Hirose Electric DF62 Datasheet HTML 8Page - Hirose Electric DF62 Datasheet HTML 9Page - Hirose Electric DF62 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DF62 Series / DF62W Series2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
3
1
2
21
1
2
43
54
6
1
32
8
7
9
2
31
6
4
5
Ø9.7mm
Ø8.5mm
Ø10.2mm
Ø11.5mm
Ø12.8mm
2 pos.
3 pos.
4 pos.
6 pos.
9 pos.
■Plug (Water proof type)
Contact No.
Cavity No.
P=2.2
B
A
Part No.
HRS No.
No. of
Contacts
AB
DF62W-2EP-2.2C
544-1003-0 00
2
7.5
6.7
DF62W-3EP-2.2C
544-1005-5 00
3
8.0
9.15
DF62W-4EP-2.2C
544-1007-0 00
4
9.1
Part No.
HRS No.
No. of
Contacts
AB
DF62W-6EP-2.2C
544-1009-6 00
6
11.3
9.15
DF62W-9EP-2.2C
544-1011-8 00
9
11.35
*9 pos. shown
as an example.
■Plug (standard type)
■Plug (Panel mount type )
Cavity No.
Contact No. marking
16.05
P=2.2
P=2.2
16.05
Contact No. marking
Cavity No.
*7 pos. shown
as an example.
Note 1 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
Note 2 : The Water-proof type and a non-water-proof type are not intermateable.
Note : Applicable jacket outer diameter : Ø1.4 to 1.6mm
Part No.
HRS No.
No. of
Contacts
AB
DF62B-2EP-2.2C(**)
544-0558-9 **
2
6.0
5.3
DF62B-3EP-2.2C(**)
544-0559-1 **
3
7.3
DF62B-4EP-2.2C(**)
544-0560-0 **
4
DF62B-5EP-2.2C(**)
544-0561-3 **
5
8.2
Part No.
HRS No.
No. of
Contacts
AB
DF62B-6EP-2.2C(**)
544-0562-6 **
6
8.2
7.3
DF62B-7EP-2.2C(**)
544-0563-9 **
7
9.3
DF62B-13EP-2.2C(**)
544-0564-1 **
13
10.4
11.3
DF62B-24EP-2.2C(**)
544-0540-3 **
24
13.4
13.3
Note 1 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
Unit : mm
Part No.
HRS No.
No. of
Contacts
AB
DF62P-2EP-2.2C(**)
544-0543-1 **
2
11.3
5.3
DF62P-3EP-2.2C(**)
544-0544-4 **
3
7.3
DF62P-4EP-2.2C(**)
544-0545-7 **
4
DF62P-5EP-2.2C(**)
544-0546-0 **
5
13.5
Part No.
HRS No.
No. of
Contacts
AB
DF62P-6EP-2.2C(**)
544-0547-2 **
6
13.5
7.3
DF62P-7EP-2.2C(**)
544-0548-5 **
7
9.3
DF62P-13EP-2.2C(**)
544-0549-8 **
13
15.7
11.3
DF62P-24EP-2.2C(**)
544-0550-7 **
24
18.7
13.3
Note 1 : This product is sold per pack (100pcs/pack), please place orders in full pack increments.
Unit : mm
Unit : mm
Pin configuration of the contact numbers. (Shown from the mating side.)
[Specification No.] **
(00) : Black
(10) : White
(18) : Red
[Specification No.] **
(00) : Black
(10) : White
(18) : Red


Similar Part No. - DF62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DF62 PHILIPS-DF62 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
ITT Industries
DF62J11G215DQA ITT-DF62J11G215DQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215DQF ITT-DF62J11G215DQF Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQA ITT-DF62J11G215HQA Datasheet
273Kb / 4P
   Power Rocker Switches
DF62J11G215HQF ITT-DF62J11G215HQF Datasheet
273Kb / 4P
   Power Rocker Switches
More results

Similar Description - DF62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Adam Technologies, Inc.
DME-F-02 ADAM-TECH-DME-F-02 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 2 POLES
DME-M-02 ADAM-TECH-DME-M-02 Datasheet
64Kb / 1P
   WIRE TO WIRE MALE 2 POLES
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Molex Electronics Ltd.
51021-0200 MOLEX11-51021-0200 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com