Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DF57 Datasheet(PDF) 7 Page - Hirose Electric

Part No. DF57
Description  Low Profile “Swing-Lock” Board to Wire Connector for Power
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF57 Datasheet(HTML) 7 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DF57 SeriesLow Profile “Swing-Lock” Board to Wire Connector for Power
1.Recommended temperature
profile
The temperature profiles are based on the above conditions.
In individual applications the actual temperature may vary,depending on solder paste type,
volume/thickness and board size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
2.Recommended manual soldering
Manual soldering: 350ç ± 10ç for 3 seconds
3.Recommended screen thickness and
open area ratio (Pattern area ratio)
Thickness: 0.1 mm
Open area ratio: 100%
4.Board warpage
Maximum of 0.02mm at the connector center, with both ends of the connector as reference points.
5.Cleaning conditions
Cleaning is not recommended. When cleaning, please evaluate as if can deteriorate the
performance including mechanical operation and environmental resistance.
6.Precautions
■When inserting crimp-type (solderless) terminals to crimping (solderless) sockets, to maintain
reliable performance, please do not insert obliquely.
■DO NOT mate/un-mate non-terminated plugs with non-mounted receptacles.
This may lead to damage or deformation of the contacts.
■Removal of the holding electric cable may cause damage so please be careful.
■DO NOT apply flux to the contact terminals when hand soldering the receptacle to the board.
Wicking of the flux into the electrical contact areas may lead to connection failures.
■Slight discoloration on the insulating materials will not affect form, fit or function of the
connectors.
■Please refer to the documents "Cable assembly Procedure", "Crimp condition" and "Crimp
quality standards" for the cable assembly procedures.
■Please refer to the "Mating/Unmating Operation Instruction Manual" for the connector
operation.
BUsage Recommendations


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn