Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DF57 Datasheet(PDF) 5 Page - Hirose Electric

Part No. DF57
Description  Low Profile “Swing-Lock” Board to Wire Connector for Power
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF57 Datasheet(HTML) 5 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DF57 SeriesLow Profile “Swing-Lock” Board to Wire Connector for Power
[Specification number](**) ,**
Blank: Color: White, 1,000 pcs/pack
(15): Color: Black, 1,000 pcs/pack
■Crimp socket
Above image is 3 pos.
Unit : mm
Part No.
No. of contacts
H
J
DF57H-4P-1.2V(21)
4
16
7.5
DF57H-5P-1.2V(21)
5
16
7.5
DF57H-6P-1.2V(21)
6
24
11.5
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
D
EF
DF57H-2S-1.2C(**)
666-0100-6 **
2
3.5
2.98
2.6
3.2
1.2
1.2
DF57H-3S-1.2C(**)
666-0012-0 **
3
4.7
4.18
3.8
4.4
2.4
1.2
DF57H-4S-1.2C(**)
666-0101-9 **
4
5.9
5.38
5.0
5.6
3.6
1.2
DF57H-5S-1.2C(**)
666-0102-1 **
5
7.1
6.58
6.2
6.8
4.8
1.2
DF57H-6S-1.2C(**)
666-0103-4 **
6
8.3
7.78
7.4
8.0
6.0
1.2
Note 1.The quantity is delivered per pack (1,000 pcs.). Order by number of pack.
■Socket for AWG#26
Unit : mm
Part No.
HRS No.
No. of contacts
ABCDEF
Color
DF57AH-5S-1.2C
666-0110-0 00
5
7.1
6.58
6.2
6.8
4.8
1.4
Black
DF57AH-6S-1.2C
666-0111-2 00
6
8.3
7.78
7.4
8.0
6.0
1.4
Note 1.The quantity is delivered per pack (1,000 pcs.). Order by number of pack.
●Packaging Specification


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn