Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF3-5P-2DSA(01) Datasheet(PDF) 6 Page - Hirose Electric

Part # DF3-5P-2DSA(01)
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3-5P-2DSA(01) Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF3-5P-2DSA(01) Datasheet HTML 2Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 3Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 4Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 5Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 6Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 7Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 8Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 9Page - Hirose Electric DF3-5P-2DSA(01) Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
No. of
Contacts
Part No.
HRS No.
HRS No.
Part No.
B212
DF3 Series
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
●Board Through-hole Diameter: Ø0.8+0+0.1
●Kink Pre-fixed Effective Diameter: Ø0.8+0+0.05
■Straight Pin Header
●Board Through-hole Diameter: Ø0.8+0+0.1
●Kink Pre-fixed Effective Diameter: Ø0.8+0+0.05
■Right Angle Pin Header
Note : The quantity for delivery is determined per bag(100pcs.). If needed, please order the products per bag.
Note : The quantity for delivery is determined per bag (100 pcs.). If needed, please order the products per bag.
Unit : mm
Tin Plating
Gold Plating
DF3A- 2P-2DSA
DF3A- 3P-2DSA
DF3A- 4P-2DSA
DF3A- 5P-2DSA
DF3A- 6P-2DSA
DF3A- 7P-2DSA
DF3A- 8P-2DSA
DF3A- 9P-2DSA
DF3A-10P-2DSA
DF3A-11P-2DSA
DF3A-12P-2DSA
DF3A-13P-2DSA
DF3A-14P-2DSA
DF3A-15P-2DSA
543-0165-0
543-0166-2
543-0167-5
543-0168-8
543-0169-0
543-0170-0
543-0171-2
543-0172-5
543-0173-8
543-0174-0
543-0175-3
543-0176-6
543-0177-9
543-0178-1
06
08
10
12
14
16
18
20
22
24
26
28
30
32
A
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DF3- 2P-2DSA(
01)
DF3- 3P-2DSA(
01)
DF3- 4P-2DSA(
01)
DF3- 5P-2DSA(
01)
DF3- 6P-2DSA(
01)
DF3- 7P-2DSA(
01)
DF3- 8P-2DSA(
01)
DF3- 9P-2DSA(
01)
DF3-10P-2DSA(
01)
DF3-11P-2DSA(
01)
DF3-12P-2DSA(
01)
DF3-13P-2DSA(
01)
DF3-14P-2DSA(
01)
DF3-15P-2DSA(
01)
543-0017-2 01
543-0018-5 01
543-0019-8 01
543-0020-7 01
543-0021-0 01
543-0022-2 01
543-0023-5 01
543-0024-8 01
543-0025-0 01
543-0026-3 01
543-0027-6 01
543-0028-9 01
543-0029-1 01
543-0030-0 01
02
04
06
08
10
12
14
16
18
20
22
24
26
28
YES
B RoHS
Unit : mm
Part No.
Tin Plating
Gold Plating
HRS No.
DF3A- 2P-2DS
DF3A- 3P-2DS
DF3A- 4P-2DS
DF3A- 5P-2DS
DF3A- 6P-2DS
DF3A- 7P-2DS
DF3A- 8P-2DS
DF3A- 9P-2DS
DF3A-10P-2DS
DF3A-11P-2DS
DF3A-12P-2DS
DF3A-13P-2DS
DF3A-14P-2DS
DF3A-15P-2DS
543-0179-4
543-0180-3
543-0181-6
543-0182-9
543-0183-1
543-0184-4
543-0185-7
543-0186-0
543-0187-2
543-0188-5
543-0189-8
543-0190-7
543-0191-0
543-0192-2
06
08
10
12
14
16
18
20
22
24
26
28
30
32
02
04
06
08
10
12
14
16
18
20
22
24
26
28
YES
A
B RoHS
2
3
4
5
6
7
8
9
10
11
12
13
14
15
No. of
Contacts
Part No.
HRS No.
DF3- 2P-2DS(
01)
DF3 -3P-2DS(
01)
DF3- 4P-2DS(
01)
DF3- 5P-2DS(
01)
DF3- 6P-2DS(
01)
DF3- 7P-2DS(
01)
DF3- 8P-2DS(
01)
DF3- 9P-2DS(
01)
DF3-10P-2DS(
01)
DF3-11P-2DS(
01)
DF3-12P-2DS(
01)
DF3-13P-2DS(
01)
DF3-14P-2DS(
01)
DF3-15P-2DS(
01)
543-0031-3 01
543-0032-6 01
543-0033-9 01
543-0034-1 01
543-0035-4 01
543-0036-7 01
543-0037-0 01
543-0038-2 01
543-0039-5 01
543-0040-4 01
543-0041-7 01
543-0042-0 01
543-0043-2 01
543-0044-5 01


Similar Part No. - DF3-5P-2DSA(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-5P-2DSA(01) HIROSE-DF3-5P-2DSA(01) Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3-5P-2DSA(01) ETC2-DF3-5P-2DSA(01) Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3-5P-2DSA(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com