Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF22C-2S-7.92C Datasheet(PDF) 11 Page - Hirose Electric

Part # DF22C-2S-7.92C
Description  7.92mm Contact Pitch High-Current Connectors for Internal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22C-2S-7.92C Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF22C-2S-7.92C Datasheet HTML 4Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 5Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 6Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 7Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 8Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 9Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 10Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 11Page - Hirose Electric DF22C-2S-7.92C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF22 Series
7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
BMated Dimensions
●Socket to Straight Header Connection
1 Pos.
2 to 5 Pos.
●Socket to Right Angle Header
Connection
●Socket to In-line Plug (Panel mount type)
Connection
●Socket to In-line Plug Connection
●In-line Double-row socket to In-line Double-row
Plug (Panel mount type) Connection
●In-line Double-row socket to In-line
Double-row Plug Connection
(13.5)
(12.45)
DF22--*RS/P--7.92
DF22B/C--*RS/P--7.92
DF22#--*S--7.92C(28)
DF22#--*P--7.92DSA(**)
DF22B#--*S--7.92C
DF22C#--*S--7.92C
DF22#--*P--7.92DSA(**)
(13.5)
(12.45)
DF22--/1RS/P--7.92
DF22B/C--1RS/P--7.92
DF22B#--1S--7.92C
DF22C#--1S--7.92C
DF22#--1P--7.92DSA(**)
DF22#--1S--7.92C(28)
DF22#--1P--7.92DSA(**)
(31.6)
(34.6)
DF22--*RS/P--7.92
DF22B/C--*RS/P--7.92
DF22#--*S--7.92C(28)
DF22#--*P--7.92DS(**)
DF22#--*P--7.92DS(**)
DF22B#--*S--7.92C
DF22C#--*S--7.92C
(32.6)
(29.6)
(40.55)
(44.55)
DF22B/C--*RS/P--7.92
DF22--RS/P--7.92
DF22B/C--*RS/P--7.92
DF22B/C--*RS/P--7.92
(43.55)
(47.55)
DF22A#--*EP--7.92C
DF22A#--*EP--7.92C
DF22B#--*S--7.92C
DF22C#--*S--7.92C
DF22#--*S--7.92C(28)
(40.55)
(44.55)
DF22B/C---*RS/P--7.92
DF22--*RS/P--7.92C
(43.55)
(47.55)
DF22B/C--*RS/P--7.92
DF22B/C--*RS/P--7.92
DF22#--*EP--7.92C
DF22#--*EP--7.92C
DF22B#--*S--7.92C
DF22C#--*S--7.92C
DF22#--*S--7.92C(28)
(43.55)
(43.55)
DF22C#--4DS--7.92C
DF22A#--4DEP--7.92C
DF22B#--4DS--7.92C
DF22A#--4DEP--7.92C
(43.55)
(43.55)
DF22C#--4DS--7.92C
DF22#--4DEP--7.92C
DF22B#--4DS--7.92C
DF22#--4DEP--7.92C


Similar Part No. - DF22C-2S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22C-2S-7.92C HIROSE-DF22C-2S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22C-2S-7.92C HIROSE-DF22C-2S-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22C-2S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
   High current internal drivers
July 2009 Rev 2
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
   High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
   High Current Female Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
   High Current Male Contact
logo
Lumberg
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
   High-current contact elements
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
   High-current contact elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com