Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF22B-4S-7.92C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF22B-4S-7.92C
Description  7.92mm Contact Pitch High-Current Connectors for Internal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22B-4S-7.92C Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF22B-4S-7.92C Datasheet HTML 3Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 4Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 5Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 6Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 7Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 8Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 9Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 10Page - Hirose Electric DF22B-4S-7.92C Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DF22 Series
7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
Note 1 : Please ensure when mating this connector
that the tapered portions of the panel are
facing outward towards the receptacle
connector’s mating interface.
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Every even number position has a different locking design.
HRS No.
Part No.
No. of Contacts
A
B
C
DF22-1EP-7.92C
DF22-2EP-7.92C
DF22-3EP-7.92C
1
2
3
9.30
17.22
25.14
-----
7.92
15.84
16.30
24.22
32.14
Standard Type (Guide Key : Inside, Color : White)
680-1048-0
680-1049-2
680-1050-1
HRS No.
Part No.
No. of Contacts
A
B
C
DF22R-2EP-7.92C
DF22R-3EP-7.92C
2
3
17.22
25.14
7.92
15.84
24.22
32.14
R Type (Guide Key : Right Side, Color : Black)
BPanel Cutout
A 1
No. of contacts
indicator
Cavity No.
9.3
16.3
3
A
1
2
3
No. of contacts
indicator
Cavity No.
Polarity
mark
10.5
C
B
A3
3
Contact No.1
1 Pos.
9.6
+0.1
0
(15.8-X)
+0.1
0
1 Pos.
11±0.2
(A+0.4) +0.1
0
(C-0.5-X) +0.1
0
2, 3 Pos.
2, 3 Pos.
■In-line Plug (Panel Lock Type)
Shown with terminated and contacts installed.
Shown with terminated and contacts installed.
680-1059-6
680-1060-5
HRS No.
Part No.
No. of Contacts
A
B
C
DF22L-1EP-7.92C
DF22L-2EP-7.92C
1
2
9.30
17.22
-----
7.92
16.30
24.22
L Type (Guide Key : Left Side, Color : Red)
680-1063-3
680-1064-6
Panel thickness
X
2.0
1.6
1.2
0.8
0.48
0.96
1.44
1.92
Unit : mm
Unit : mm
Unit : mm


Similar Part No. - DF22B-4S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22B-4S-7.92C HIROSE-DF22B-4S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22B-4S-7.92C HIROSE-DF22B-4S-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22B-4S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
   High current internal drivers
July 2009 Rev 2
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
   High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
   High Current Female Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
   High Current Male Contact
logo
Lumberg
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
   High-current contact elements
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
   High-current contact elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com