Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF20F-30DP-1H(59) Datasheet(PDF) 5 Page - Hirose Electric

Part # DF20F-30DP-1H(59)
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20F-30DP-1H(59) Datasheet(HTML) 5 Page - Hirose Electric

  DF20F-30DP-1H(59) Datasheet HTML 1Page - Hirose Electric DF20F-30DP-1H(59) Datasheet HTML 2Page - Hirose Electric DF20F-30DP-1H(59) Datasheet HTML 3Page - Hirose Electric DF20F-30DP-1H(59) Datasheet HTML 4Page - Hirose Electric DF20F-30DP-1H(59) Datasheet HTML 5Page - Hirose Electric DF20F-30DP-1H(59) Datasheet HTML 6Page - Hirose Electric DF20F-30DP-1H(59) Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
B270
DF20 Series
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
■Double Row Right angle Pin header
BPCB Footprints
C ±0.1
0.75 ±0.1
A ±0.05
P= ±0.03
0.6 ±0.05
1
B
5
A
A
6.2
0.2
C
0.2
P= 1
Indication of
number of
contacts
Contact No.2
Contact No.1
Contact No.1
marking
Contact No.3
Contact No.**
Contact No.**-1
Note : Shaded area must be free of any electrically conductive traces to avoid contact with soldered pin header terminations.
[Specifications number]-*, (**)
(59): Gold plating,
embossed tape packaging
Note:Order embossed tape packaging items by the reel. (1 reel contains 1,000 pieces)
Part Number
CL No.
No. of contacts
A
B
C
Remarks
RoHS
DF20F -10DP-1H(59)
DF20F -20DP-1H(59)
DF20F -30DP-1H(59)
DF20F -40DP-1H(59)
686-0027-2(59)
686-0028-5(59)
686-0029-8(59)
686-0030-7(59)
10
20
30
40
24.0
29.0
14.0
19.0
27.5
12.5
17.5
22.5
26.2
11.2
16.2
21.2
Without boss
YES
Unit: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF20F-30DP-1H(59)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-30DP-1H HIROSE-DF20F-30DP-1H Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-30DP-1H HIROSE-DF20F-30DP-1H Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20F-30DP-1H(59)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com