Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF5A-14DP-5DSA(35) Datasheet(PDF) 5 Page - Hirose Electric

Part # DF5A-14DP-5DSA(35)
Description  5mm Pitch Miniature Potting Connectors for Secondary Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5A-14DP-5DSA(35) Datasheet(HTML) 5 Page - Hirose Electric

  DF5A-14DP-5DSA(35) Datasheet HTML 1Page - Hirose Electric DF5A-14DP-5DSA(35) Datasheet HTML 2Page - Hirose Electric DF5A-14DP-5DSA(35) Datasheet HTML 3Page - Hirose Electric DF5A-14DP-5DSA(35) Datasheet HTML 4Page - Hirose Electric DF5A-14DP-5DSA(35) Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
B127
DF5 Series
5mm Pitch Miniature Potting Connectors for Secondary Power Supply
BSocket Crimping Contact
Type
Item
Part No.
HRS No.
Applicable Contact
Press unit
CM-105C
901-0001-0
------------------------------
Auto-
AP105-DF5-1822S
901-4542-5
DF5-1822SCF
matic
Applicator
AP105-DF5A-1822S
901-4546-6
DF5A-1822SCF
DF5-1822/CR-HT
550-0264-0
DF5-1822SC
Manual
Manual crimping tool
DF5A-1822/CR-HT
550-0265-2
DF5A-1822SC
-----
Extraction tool
RP13-PC-TP
150-0021-5
DF5/DF5A-1822SCF
Note 1 : If any trouble has been caused due to other tools, which are not designated by Hirose, Hirose won't guarantees any product.
Note 2 :
For the crimping process, refer to "crimping quality standards" and "crimping condition".
Part No.
DF5-1822SCF
DF5-1822SC
DF5A-1822SCF
DF5A-1822SC
676-0001-1
676-0002-4
676-0003-7
676-0004-0
Ø1.5 to 2.2mm
Ø2.1mm
Ø1.8mm
Ø1.6mm
Ø2.2 to 3.2mm
Ø2.9mm
Ø2.6mm
Ø2.4mm
1007
1007
1015
1015
18 AWG
20 AWG
22 AWG
18 AWG
20 AWG
22 AWG
18 AWG
20 AWG
22 AWG
18 AWG
20 AWG
22 AWG
43/0.18mm
21/0.18mm
17/0.16mm
43/0.18mm
21/0.18mm
17/0.16mm
43/0.18mm
21/0.18mm
17/0.16mm
43/0.18mm
21/0.18mm
17/0.16mm
5,000 / reel
100 / pack
5,000 / reel
100 / pack
2.8
3.8
3
4
Yes
Applicable Cable
Jacket Diameter
ULStyle
Wire Size
Stranded Wire Conductor
HRS No.
Packaging
J
K
RoHS
Note 1 : Applicable wire with tin plated solid soft conductor.
Note 2 : When using other than the recommended wire, contact your nearest Hirose representative.
Note 3 : Strip length : 3.0 to 4.0mm
BApplicable Crimping Tools
BPrecautions
1. Recommended soldering
Flow : 260ç for 10 seconds
condition
Manual soldering : 350ç for 3 seconds
2. Cleaning condition
Refer to the "Wire-to-Board Connector Use Hand book"
3. Connecting condition
Refer to the "Wire-to-Board Connector Use Hand book"
4. Cautions
■The color phase of this product may be slightly differ from that of the formed product according to the
manufacturing lot, and consequent storage condition, however, the difference affects no performance.
5. Precautions
Refer to the "Wire-to-Board Connector Use Hand book"
BApplication Pattern


Similar Part No. - DF5A-14DP-5DSA(35)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-14DP-5DSA HIROSE-DF5A-14DP-5DSA Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
More results

Similar Description - DF5A-14DP-5DSA(35)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-2S-5C HIROSE-DF5A-2S-5C_1 Datasheet
220Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5A-2S-5C HIROSE-DF5A-2S-5C Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
Fujitsu Component Limit...
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
   ASSP for Power Supply Applications (Secondary Battery)
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com