Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19-20S-1C Datasheet(PDF) 10 Page - Hirose Electric

Part # DF19-20S-1C
Description  1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19-20S-1C Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF19-20S-1C Datasheet HTML 5Page - Hirose Electric DF19-20S-1C Datasheet HTML 6Page - Hirose Electric DF19-20S-1C Datasheet HTML 7Page - Hirose Electric DF19-20S-1C Datasheet HTML 8Page - Hirose Electric DF19-20S-1C Datasheet HTML 9Page - Hirose Electric DF19-20S-1C Datasheet HTML 10Page - Hirose Electric DF19-20S-1C Datasheet HTML 11Page - Hirose Electric DF19-20S-1C Datasheet HTML 12Page - Hirose Electric DF19-20S-1C Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
B262
DF19 Series
1mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Applicable cable (Micro-coaxial cable)
Part No.
No. of contacts
A
B
C
D
RoHS
HRS No.
14
20
17.4
23.4
13
19
14.8
20.8
13
19
YES
685-0026-3 05
685-0025-0 05
Wire size (stranded wire center conductor)
Jacket diameter
40 AWG (7/ 0.03mm)
0.3mm to 0.4mm
Part No.
No. of contacts
HRS No.
DF19G-14S-1SD-GND
DF19G-20S-1SD-GND
14
20
A
RoHS
17.5
23.5
YES
685-0028-9
685-0027-6
Note : Order by number of bags.
■Plug (Micro-coaxial cable)
Shown terminated with micro-coaxial cable
■Grounding plate for micro-coaxial cable
Contact No. 1 indicator
A
B
P=1
1.33
D±0.15
C±0.2
0.55
0
-0.05
Inner conductor
Insulator
Outer conductor
Jacket
Cable preparation
Grounding bar
P=1±0.1
Contact No. 1 indicator
A
Note 1 : Connectors are designed to allow termination without cutting
of the pitch loss prevention tape.
Note 2 : Required Solder coating for inner conductor.
Note 3 : When using 2-conductor micro-coaxial cable some contact
positions will not be used.
Contact your Hirose sales representative.
DF19G-14S-1SD(05)
DF19G-20S-1SD(05)
Specification
(05) : Bag packaging
(100 pcs/pack)
Specification
Blank : Bag packaging
(100 pcs/pack)
Unit : mm
B253-265 DF19 16.5.25 15:42 ページ B262


Similar Part No. - DF19-20S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19-2830SCFA HIROSE-DF19-2830SCFA Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19-20S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com