Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF20F-50DP-1V(56) Datasheet(PDF) 7 Page - Hirose Electric

Part # DF20F-50DP-1V(56)
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20F-50DP-1V(56) Datasheet(HTML) 7 Page - Hirose Electric

  DF20F-50DP-1V(56) Datasheet HTML 1Page - Hirose Electric DF20F-50DP-1V(56) Datasheet HTML 2Page - Hirose Electric DF20F-50DP-1V(56) Datasheet HTML 3Page - Hirose Electric DF20F-50DP-1V(56) Datasheet HTML 4Page - Hirose Electric DF20F-50DP-1V(56) Datasheet HTML 5Page - Hirose Electric DF20F-50DP-1V(56) Datasheet HTML 6Page - Hirose Electric DF20F-50DP-1V(56) Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
B272
DF20 Series
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
BUsage recommendation
1. Recommended Soldering
Temperature Profile for IR Reflow.
2. Recommended Manual Soldering Conditions
3. Recommended Solder Screen Thickness
4. Board Warping
5. Cleaning Conditions
6. Wiring Termination Conditions
7. Mating / un-mating precautions
Soldering temperature: 290°C ±10°C, Soldering time: within 3 sec.
0.15mm
Maximum of 0.03 mm at the connector center section, with both ends of the connector as reference points.
Refer to "Nylon Connector Use Handbook."
Refer to "Nylon Connector Use Handbook."
Crimp contacts should be handled with care as not to cause any deformation or damage
affecting the performance or termination.
Excessive twisting and pulling on wires during mating/un-mating should be avoided as it
may cause damage to connectors.
Note 1: Up to 2 cycles of reflow soldering are possible under the same conditions, provided
that there is a return to normal temperature between the first and second cycle.
Note 2: The temperature indicates the board surface temperature at the points of contacts
with the connector terminals.
DF20F–*DP–1H(59)
Temperature
250
200
150
100
60 to 120(s)
60(s) max
220
240
60
120
180
240
300
10(s) max
Time(S)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF20F-50DP-1V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-50DP-1V HIROSE-DF20F-50DP-1V Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-50DP-1V HIROSE-DF20F-50DP-1V Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20F-50DP-1V56 HIROSE-DF20F-50DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20F-50DP-1V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com