Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG82FE308 Datasheet(PDF) 60 Page - Megawin Technology Co., Ltd

Part # MG82FE308
Description  Dual data pointer
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG82FE308 Datasheet(HTML) 60 Page - Megawin Technology Co., Ltd

Back Button MG82FE308 Datasheet HTML 56Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 57Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 58Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 59Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 60Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 61Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 62Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 63Page - Megawin Technology Co., Ltd MG82FE308 Datasheet HTML 64Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
60
MG82FEL308_316 Data Sheet
MEGAWIN
12.2. Serial Port Mode 1
10 bits are transmitted through TXD, or received through RXD: a start bit (0), 8 data bits (LSB first), and a stop bit
(1). On receive, the stop bit goes into RB8 in SCON. The baud rate is determined by the Timer 1 or Timer 2
overflow rate. Figure 12-1 shows the data frame in Mode 1 and Figure 12-6 shows a simplified functional diagram
of the serial port in Mode 1.
Transmission is initiated by any instruction that uses SBUF as a
destination register. The “write to SBUF” signal
requests the UART engine to start the transmission. After receiving a transmission request, the UART engine
would start the transmission at the raising edge of TX Clock. The data in the SBUF would be serial output on the
TXD pin with the data frame as shown in Figure 12-1 and data width depend on TX Clock. After the end of 8th
data transmission, TI would be asserted by hardware to indicate the end of data transmission.
Reception is initiated when Serial Port Controller detected 1-to-0 transition at RXD sampled by RCK. The data on
the RXD pin would be sampled by Bit Detector in Serial Port Controller. After the end of STOP-bit reception, RI
would be asserted by hardware to indicate the end of data reception and load STOP-bit into RB8 in SCON
register.
Figure 12-6 Serial Port Mode 1, 2, 3
UART engine
80C51 Internal BUS
TXBUF
RXBUF
80C51 Internal BUS
Read
SBUF
Write
SBUF
RxD
TxD
16
SMOD1
2
RCLK
TCLK
TX Clock
Timer 1
Overflow
“1”
“1”
“0”
“0”
“0”
“1”
Timer 2
Overflow
2
SYSCLK/2
“0”
“1”
0
1
0
1
16
RX Clock
TI
RI
Serial Port
Interrupt
STOP -Bit
9th-Bit
0
1
SM0
SM1
SM1
SM0
RB8
SM1
TB8
Mode 1, 3
clock source
Mode 2
clock source
RCK
SMOD2


Similar Part No. - MG82FE308

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82F6D17 MEGAWIN-MG82F6D17 Datasheet
9Mb / 306P
   MG82F6D17
2021/04 version 1.00
MG82FX532AD MEGAWIN-MG82FX532AD Datasheet
2Mb / 151P
   Dual data pointer
MG82FX532AE MEGAWIN-MG82FX532AE Datasheet
2Mb / 151P
   Dual data pointer
MG82FX532AF MEGAWIN-MG82FX532AF Datasheet
2Mb / 151P
   Dual data pointer
MG82FX564AD MEGAWIN-MG82FX564AD Datasheet
2Mb / 151P
   Dual data pointer
More results

Similar Description - MG82FE308

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG82FX532AE MEGAWIN-MG82FX532AE Datasheet
2Mb / 151P
   Dual data pointer
MG82FX564AE MEGAWIN-MG82FX564AE Datasheet
2Mb / 151P
   Dual data pointer
logo
Sensortechnics GmbH
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
   Laser Pointer
LD65D7S-A SENSORTECHNICS-LD65D7S-A Datasheet
1Mb / 4P
   Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
   Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD65D5S-A SENSORTECHNICS-LD65D5S-A Datasheet
1Mb / 6P
   Laser Pointer
logo
Roithner LaserTechnik G...
ROITHNER450 ROITHNER-ROITHNER450 Datasheet
382Kb / 2P
   Blue Laser Pointer
CSI-405 ROITHNER-CSI-405 Datasheet
36Kb / 1P
   Violet Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com