Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG69L951 Datasheet(PDF) 28 Page - Megawin Technology Co., Ltd

Part # MG69L951
Description  Single chip 8-bit micro-controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG69L951 Datasheet(HTML) 28 Page - Megawin Technology Co., Ltd

Back Button MG69L951 Datasheet HTML 22Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 23Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 24Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 25Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 26Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 27Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 28Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 29Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 30Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
MG69L951 Technical Summary
MEGAWIN
Absolute Maximum Rating
PARAMETER
RATING
UNIT
Supply Voltage to Ground Potential
-0.3 to +4.0
V
Applied Input / Output Voltage
-0.3 to +4.0
V
Power Dissipation
800
mW
Ambient Operating Temperature
0 to +70
C
Storage Temperature
-55 to +150
C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and
reliability of the device.
DC Characteristics
(VDD-VSS = 3.0 V, FOSC = 4MHz, Ta = 25
 C; unless otherwise specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Op. Voltage
VDD
-
1.8
-
3.6
V
Op. Current
IOP
No load (Ext.-V)
In normal operation
-
2
5
mA
Standby Current
IHALT
No load (Ext.-V)
-
3
5
A
AUD+ buffer driving current
IAUD+
R load = 8
150
-
-
mA
AUD- buffer driving current
IAUD-
R load = 8
150
-
-
mA
Input High Voltage
VIH
-
0.7 VDD
-
VDD
V
Input Low Voltage
VIL
-
0
-
0.3VDD
V
Port 0 drive current
IOH0
VOH = 2.4V, VDD = 3.0V
3
-
-
mA
Port 0 sink current
IOL0
VOL = 0.4V, VDD = 3.0V
3
-
-
mA
Port 1, 2, 3 drive current
IOH1
VOH = 2.4V, VDD = 3.0V
10
-
-
mA
Port 1, 2, 3 sink current
IOL1
VOL = 0.4V, VDD = 3.0V
20
-
-
mA
P4.0 ~ P4.5 drive current
IOH4
VOH = 2.4V, VDD = 3.0V
100
-
-
mA
Port 4 sink current
IOL4
VOH = 0.4V, VDD = 3.0V
3
-
-
mA
Internal Pull-high Resistor
RPH
VIL = 0V
25K
50K
100K
/RES Pull-high Resistor
RRES
VIL = 0V
-
30K
-
Low Voltage Reset
VLVR
-
1.60
-
2.10
V
AC Characteristics
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CPU OP. Frequency
FCPU
VDD = 3.0V
0.4
4
8
MHz
System Start-Up Time
TSST1
Power-up, reset or
wake-up from STOP
mode (FCPU = FOSC)
-
16384
-
1/ FCPU
TSST2
Wake-up from STOP
mode (FCPU = FX32)
-
2048
-
1/ FCPU


Similar Part No. - MG69L951

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
More results

Similar Description - MG69L951

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC852P MEGAWIN-MLC852P Datasheet
250Kb / 35P
   single chip 8-bit micro-controller
MLC510B MEGAWIN-MLC510B Datasheet
261Kb / 31P
   Single chip 8-bit micro-controller
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
logo
SHANGHAI BELLING CO., L...
BL35P02 BELLING-BL35P02 Datasheet
308Kb / 27P
   BL35P02 is a single-chip 8-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com