Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG69L951 Datasheet(PDF) 15 Page - Megawin Technology Co., Ltd

Part # MG69L951
Description  Single chip 8-bit micro-controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG69L951 Datasheet(HTML) 15 Page - Megawin Technology Co., Ltd

Back Button MG69L951 Datasheet HTML 11Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 12Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 13Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 14Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 15Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 16Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 17Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 18Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 19Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
MEGAWIN
MG69L951 Technical Summary
15
Timer1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00CAH
TM1
T7
T6
T5
T4
T3
T2
T1
T0
00CBH
TM1_CTL
STC
RL/S
-
-
-
TKI2
TKI1
TKI0
STC: Start/Stop counting. 1: start and pre-load the value to counter, 0: stop timer clock
RL/S: Auto-reload disable/enable. 1: disable auto-reload, 0: enable auto-reload
TKI2
TKI1
TKI0
Selected TM1 input frequency
0
0
0
FOSC / 1
0
0
1
FOSC / 4
0
1
0
FOSC / 16
0
1
1
FOSC / 64
1
X
X
FX32
X: Don’t care.
Timer 1 is an 8-bit down-count counter. The counter underflow frequency of timer 1, FTM1_UV, can
be calculated with the equation:
FTM1_UV = FTM1 / (TM1+1)
, where the FTM1 is the timer input frequency set by TKI1 and TKI0.
For example: (if FTM1 = 2.000MHz, TKI1=TKI0=0)
TM1
Frequency
00H
Reserved
01H
1.000MHz
02H
667kHz
FFH
7.84kHz
TM1 (R)
TM1
Underflow
TM1
TM1_CTL.6
Control
Logic
TM1_CTL .7
Reload
TM1 Reload Buffer (W)
TM1_CTL.2
TM1_CTL .0
TM1_CTL.1
/1
/4
/16
/64
FTM1_UV/2
CH2 Tone
F
OSC
F
OSC
F
OSC
F
OSC
F
X32


Similar Part No. - MG69L951

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
More results

Similar Description - MG69L951

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC852P MEGAWIN-MLC852P Datasheet
250Kb / 35P
   single chip 8-bit micro-controller
MLC510B MEGAWIN-MLC510B Datasheet
261Kb / 31P
   Single chip 8-bit micro-controller
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
logo
SHANGHAI BELLING CO., L...
BL35P02 BELLING-BL35P02 Datasheet
308Kb / 27P
   BL35P02 is a single-chip 8-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com