Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG69L951 Datasheet(PDF) 7 Page - Megawin Technology Co., Ltd

Part # MG69L951
Description  Single chip 8-bit micro-controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG69L951 Datasheet(HTML) 7 Page - Megawin Technology Co., Ltd

Back Button MG69L951 Datasheet HTML 3Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 4Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 5Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 6Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 7Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 8Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 9Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 10Page - Megawin Technology Co., Ltd MG69L951 Datasheet HTML 11Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MEGAWIN
MG69L951 Technical Summary
7
Low Voltage Reset:
The MG69L951 provides low voltage reset circuit in order to monitor the supply voltage of the
device. If the supply voltage of the device is within the range 0.9V ~ VLVR, the LVR will automatically
reset the device internally.
Special Function Register (SFR)
The address 00C0H to 00FFH is reserved for special function registers (SFR). The SFR is used to
control or store the status of I/O, timers, system clock and other peripheral.
SFR (special function register): 00C0H~00FFH
Address
Content
Default
Address
Content
Default
00C0
MCLKmgr
0----000
00D0
P0_MFR
0-----00
00C1
SYS_STS
x-------
00D1
--------
00C2
IRQ_EN
-0000000
00D2
P0
00000000
00C3
IRQ_ST / IRQ_CLR
00000000
00D3
P0dir
00000000
00C4
RLH_EN
-0000000
00D4
P0plh
00000000
00C5
--------
00D5
P0opd
00000000
00C6
--------
00D6
--------
00C7
--------
00D7
P1
00000000
00C8
TM0
11111111
00D8
P1dir
00000000
00C9
TM0_CTL
00---000
00D9
P1plh
00000000
00CA
TM1
11111111
00DA
P1opd
00000000
00CB
TM1_CTL
00---000
00DB
--------
00CC
TM2L
11111111
00DC
P2
00000000
00CD
TM2H
11111111
00DD
P2dir
00000000
00CE
TM2_CTL
000--000
00DE
P2plh
00000000
00CF
DIV1_STL / DIV1_SEL
------00
00DF
P2opd
00000000
Address
Content
Default
Address
Content
Default
00E0
RTC00
00000000
00F0
PWML
00000000
00E1
RTC01
00000000
00F1
PWMH
------10
00E2
--------
00F2
WCP/BANK
-------0
00E3
RTC_IEN
0-0-----
00F3
--------
00E4
RTC_IST/RTC_ICLR
0-0-----
00F4
--------
00E5
--------
00F5
--------
00E6
--------
00F6
--------
00E7
--------
00F7
CH1/ENV1
00000000
00E8
P3
00000000
00F8
CH2/ENV2
00000000
00E9
P3dir
00000000
00F9
AB_TC
0000-000
00EA
P3plh
00000000
00FA
--------
00EB
P3opd
00000000
00FB
--------
00EC
P4buf
--000000
00FC
ADCR
0-0---00
00ED
--------
00FD
ADCR_ST
-------0
00EE
--------
00FE
ADB_L
XXXX----
00EF
--------
00FF
ADB_H
XXXXXXXX


Similar Part No. - MG69L951

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
More results

Similar Description - MG69L951

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC852P MEGAWIN-MLC852P Datasheet
250Kb / 35P
   single chip 8-bit micro-controller
MLC510B MEGAWIN-MLC510B Datasheet
261Kb / 31P
   Single chip 8-bit micro-controller
MG69L952 MEGAWIN-MG69L952 Datasheet
536Kb / 29P
   Single chip 8-bit micro-controller
logo
SHANGHAI BELLING CO., L...
BL35P02 BELLING-BL35P02 Datasheet
308Kb / 27P
   BL35P02 is a single-chip 8-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com