Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM389 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM389
Description  LM389 Low Voltage Audio Power Amplifier with NPN Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM389 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM389 Datasheet HTML 1Page - National Semiconductor (TI) LM389 Datasheet HTML 2Page - National Semiconductor (TI) LM389 Datasheet HTML 3Page - National Semiconductor (TI) LM389 Datasheet HTML 4Page - National Semiconductor (TI) LM389 Datasheet HTML 5Page - National Semiconductor (TI) LM389 Datasheet HTML 6Page - National Semiconductor (TI) LM389 Datasheet HTML 7Page - National Semiconductor (TI) LM389 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
15V
Package Dissipation (Note 1)
189W
Input Voltage
g
04V
Storage Temperature
b
65 Cto a150 C
Operating Temperature
0 Cto a70 C
Junction Temperature
150 C
Lead Temperature (Soldering 10 sec)
260 C
Collector to Emitter Voltage VCEO
12V
Collector to Base Voltage VCBO
15V
Collector to Substrate Voltage VCIO
(Note 2)
15V
Collector Current IC
25 mA
Emitter Current IE
25 mA
Base Current IB
5mA
Power Dissipation (Each Transistor) TA s a70 C 150 mW
Thermal Resistance
iJC
24 CW
iJA
70 CW
Electrical Characteristics TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLIFIER
VS
Operating Supply Voltage
4
12
V
IQ
Quiescent Current
VS e 6V VIN e 0V
6
12
mA
POUT
Output Power (Note 3)
THD e 10%
VS e 6V RL e 8X
250
325
mW
VS e 9V RL e 16X
500
mW
AV
Voltage Gain
VS e 6V f e 1 kHz
23
26
30
dB
10 mF from Pins 4 to 12
46
dB
BW
Bandwidth
VS e 6V Pins 4 and 12 Open
250
kHz
THD
Total Harmonic Distortion
VS e 6V RL e 8X POUT e 125 mW
02
30
%
f e 1 kHz Pins 4 and 12 Open
PSRR
Power Supply Rejection Ratio
VS e 6V f e 1 kHz CBYPASS e 10 mF
30
50
dB
Pins 4 and 12 Open Referred to Output
RIN
Input Resistance
10
50
kX
IBIAS
Input Bias Current
VS e 6V Pins 5 and 16 Open
250
nA
TRANSISTORS
VCEO
Collector to Emitter
IC e 1 mA IB e 0
12
20
V
Breakdown Voltage
VCBO
Collector to Base
IC e 10 mA IE e 0
15
40
V
Breakdown Voltage
VCIO
Collector to Substrate
IC e 10 mA IE e IB e 0
15
40
V
Breakdown Voltage
VEBO
Emitter to Base
IE e 10 mA IC e 0
64
71
78
V
Breakdown Voltage
HFE
Static Forward Current
IC e 10 mA
100
Transfer Ratio (Static Beta)
IC e 1 mA
100
275
IC e 10 mA
275
hoe
Open-Circuit Output Admittance
IC e 1 mA VCE e 5V f e 10 kHz
20
m
mho
VBE
Base to Emitter Voltage
IE e 1 mA
07
085
V
lVBE1–VBE2l
Base to Emitter Voltage Offset
IE e 1mA
1
5
mV
VCESAT
Collector to Emitter
IC e 10 mA IB e 1mA
015
05
V
Saturation Voltage
CEB
Emitter to Base Capacitance
VEB e 3V
15
pF
CCB
Collector to Base Capacitance
VCB e 3V
2
pF
CCI
Collector to Substrate
VCI e 3V
35
pF
Capacitance
hfe
High Frequency Current Gain
IC e 10 mA VCE e 5V f e 100 MHz
15
55
Note 1
For operation in ambient temperatures above 25 C the device must be derated based on a 150 C maximum junction temperature and a thermal resistance
of 66 CW junction to ambient
Note 2
The collector of each transistor is isolated from the substrate by an integral diode Therefore the collector voltage should remain positive with respect to
pin 17 at all times
Note 3
If oscillation exists under some load conditions add 27X and 005 mF series network from pin 1 to ground
2


Similar Part No. - LM389

ManufacturerPart #DatasheetDescription
logo
SICK AG
LM38-750 SICK-LM38-750 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
logo
National Semiconductor ...
LM380 NSC-LM380 Datasheet
236Kb / 8P
   Audio Power Amplifier
LM380 NSC-LM380 Datasheet
271Kb / 9P
   2.5W Audio Power Amplifier
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
[Old version datasheet]   LM380 2.5W Audio Power Amplifier
logo
National Semiconductor ...
LM380N NSC-LM380N Datasheet
236Kb / 8P
   Audio Power Amplifier
More results

Similar Description - LM389

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE194 NTE-NTE194 Datasheet
22Kb / 2P
   Silicon NPN Transistor Audio Power Amplifier
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
   LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602_15 Datasheet
200Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com