Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LM389 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM389
Description  LM389 Low Voltage Audio Power Amplifier with NPN Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM389 Datasheet(HTML) 1 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7847
December 1994
LM389 Low Voltage Audio Power Amplifier
with NPN Transistor Array
General Description
The LM389 is an array of three NPN transistors on the same
substrate with an audio power amplifier similar to the
LM386
The amplifier inputs are ground referenced while the output
is automatically biased to one half the supply voltage The
gain is internally set at 20 to minimize external parts but the
addition of an external resistor and capacitor between pins
4 and 12 will increase the gain to any value up to 200
The three transistors have high gain and excellent matching
characteristics They are well suited to a wide variety of ap-
plications in DC through VHF systems
Features
Amplifier
Y
Battery operation
Y
Minimum external parts
Y
Wide supply voltage range
Y
Low quiescent current drain
Y
Voltage gains from 20 to 200
Y
Ground referenced input
Y
Self-centering output quiescent voltage
Y
Low distortion
Transistors
Y
Operation from 1 mAto25mA
Y
Frequency range from DC to 100 MHz
Y
Excellent matching
Applications
Y
AM-FM radios
Y
Portable tape recorders
Y
Intercoms
Y
Toys and games
Y
Walkie-talkies
Y
Portable phonographs
Y
Power converters
Equivalent Schematic and Connection Diagrams
TLH7847 – 1
Dual-In-Line Package
TLH7847 – 2
Order Number LM389N
See NS Package Number N18A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn