Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LM389 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM389
Description  LM389 Low Voltage Audio Power Amplifier with NPN Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM389 Datasheet(HTML) 5 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Hints
Gain Control
To make the LM389 a more versatile amplifier two pins (4
and 12) are provided for gain control With pins 4 and 12
open the 135 kX resistor sets the gain at 20 (26 dB) If a
capacitor is put from pin 4 to 12 bypassing the 135 kX
resistor the gain will go up to 200 (46 dB) If a resistor is
placed in series with the capacitor the gain can be set to
any value from 20 to 200 A low frequency pole in the gain
response is caused by the capacitor working against the
external resistor in series with the 150X internal resistor If
the capacitor is eliminated and a resistor connects pin 4 to
12 then the output dc level may shift due to the additional
dc gain Gain control can also be done by capacitively cou-
pling a resistor (or FET) from pin 12 to ground
Additional external components can be placed in parallel
with the internal feedback resistors to tailor the gain and
frequency response for individual applications For example
we can compensate poor speaker bass response by fre-
quency shaping the feedback path This is done with a se-
ries RC from pin 1 to 12 (paralleling the internal 15 kX resis-
tor) For 6 dB effective bass boost R j 15 kX the lowest
value for good stable operation is R e 10 kX if pin 4 is
open If pins 4 and 12 are bypassed then R as low as 2 kX
can be used This restriction is because the amplifier is only
compensated for closed-loop gains greater than 9VV
Input Biasing
The schematic shows that both inputs are biased to ground
witha50kX resistor The base current of the input transis-
tors is about 250 nA so the inputs are at about 125 mV
when left open If the dc source resistance driving the
LM389 is higher than 250 kX it will contribute very little
additional offset (about 25 mV at the input 50 mV at the
output) If the dc source resistance is less than 10 kX then
shorting the unused input to ground will keep the offset low
(about 25 mV at the input 50 mV at the output) For dc
source resistances between these values we can eliminate
excess offset by putting a resistor from the unused input to
ground equal in value to the dc source resistance Of
course all offset problems are eliminated if the input is ca-
pacitively coupled
When using the LM389 with higher gains (bypassing the
135 kX resistor between pins 4 and 12) it is necessary to
bypass the unused input preventing degradation of gain
and possible instabilities This is done with a 01 mF capaci-
tor or a short to ground depending on the dc source resist-
ance of the driven input
Supplies and Grounds
The LM389 has excellent supply rejection and does not re-
quire a well regulated supply However to eliminate possi-
ble high frequency stability problems the supply should be
decoupled to ground with a 01 mF capacitor The high cur-
rent ground of the output transistor pin 18 is brought out
separately from small signal ground pin 17 If the two
ground leads are returned separately to supply then the par-
asitic resistance in the power ground lead will not cause
stability problems The parasitic resistance in the signal
ground can cause stability problems and it should be mini-
mized Care should also be taken to insure that the power
dissipation does not exceed the maximum dissipation of the
package for a given temperature There are two ways to
mute the LM389 amplifier Shorting pin 3 to the supply volt-
age or shorting pin 12 to ground will turn the amplifier off
without affecting the input signal
Transistors
The three transistors on the LM389 are general purpose
devices that can be used the same as other small signal
transistors As long as the currents and voltages are kept
within the absolute maximum limitations and the collectors
are never at a negative potential with respect to pin 17
there is no limit on the way they can be used
For example the emitter-base breakdown voltage of 71V
can be used as a zener diode at currents from 1 mAto
5 mA These transistors make good LED driver devices
VSAT is only 150 mV when sinking 10 mA
In the linear region these transistors have been used in AM
and FM radios tape recorders phonographs and many oth-
er applications Using the characteristic curves on noise
voltage and noise current the level of the collector current
can be set to optimize noise performance for a given source
impedance Some of the circuits that have been built are
shown in
Figures 1 – 7 This is by no means a complete list
of applications since that is limited only by the designers
imagination
TLH7847 – 6
FIGURE 1 AM Radio
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn