Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA104 Datasheet(PDF) 29 Page - Megawin Technology Co., Ltd

Part # MA104
Description  USB 2.0 low speed device.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA104 Datasheet(HTML) 29 Page - Megawin Technology Co., Ltd

Back Button MA104 Datasheet HTML 24Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 25Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 26Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 27Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 28Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 29Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 30Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 31Page - Megawin Technology Co., Ltd MA104 Datasheet HTML 32Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
MA104 Datasheet
Version 1.02
8.2.3
_MW_MA104 structure
typedef struct _MW_MA014
{
DWORD VID;
DWORD PID;
DWORD ReadTimeOut;
DWORD WriteTimeOut;
HANDLE Handle;
} MA104;
Parameter:
VID : Megawin’s Vendor ID is 0x0E6A;
PID : MA104’s Product ID is 0x0109 / 0x010F;
ReadTimeOut :
Specifies the time-out interval, in milliseconds.
Within this given timer interval, read activity should be finished;
otherwise, it will be considered as an error.
WriteTimeOut :
Specifies the time-out interval, in milliseconds.
Within this given time interval, Write activity should be finished;
otherwise, it will be considered as an error.
Handle :
DLL will save a valid handle in this variable, and caller is responsible for protecting this value from being
modified.
8.2.4
MA104_Connect
MA104_Connect() sets up the software relation between user application and MA104 device. It pairs up with
MA104_Disconnect().
MA104_API
DWORD MA104_Connect( MA104 * pMA104,
DWORD Index );
Parameter:
pMA104 : Caller-supplied pointer to a MA104 structure.
Index : Device index of a MA104, and it starts from one.
This document information is the intellectual property of Megawin Technology.
© Megawin Technology Co., Ltd. 2011 All right reserved.
QP-7300-03D
29/32


Similar Part No. - MA104

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA104 MACOM-MA104 Datasheet
66Kb / 2P
   L Series - Power Entry Modules
logo
Taoglas antenna solutio...
MA104.C.AB-.015 TAOGLAS-MA104.C.AB-.015 Datasheet
1Mb / 27P
   Cables and connectors are fully customizable
MA104.C.AB.015 TAOGLAS-MA104.C.AB.015 Datasheet
1Mb / 27P
   Heavy duty screw mount
MA104.C.AB.015 TAOGLAS-MA104.C.AB.015 Datasheet
1Mb / 25P
   MA104 GPS/GALILEO/Cellular Combination Hercules Screw-mount
MA104.C.AB.015 TAOGLAS-MA104.C.AB.015_18 Datasheet
1Mb / 25P
   MA104 GPS/GALILEO/Cellular Combination Hercules Screw-mount
More results

Similar Description - MA104

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN89530 MICROCHIP-LAN89530 Datasheet
1Mb / 218P
   Integrated USB 2.0 Hi-Speed Device Controller
07/14/15
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-2133 AVAGO-ADNK-2133 Datasheet
402Kb / 7P
   USB 2.0 low-speed compliance
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Fujitsu Component Limit...
F_USB20LP FUJITSU-F_USB20LP Datasheet
82Kb / 2P
   Standard Bus IP: High Speed USB 2.0 Device Controller
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Savitech Corp.
SV7102 SAVITECH-SV7102 Datasheet
291Kb / 8P
   Low Voltage, High-Speed USB 2.0 Switch
logo
GENESYS LOGIC
GL848 GENESYS-GL848 Datasheet
800Kb / 85P
   High Speed USB 2.0
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com