Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1-9S-2.5R24(05) Datasheet(PDF) 4 Page - Hirose Electric

Part # DF1-9S-2.5R24(05)
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1-9S-2.5R24(05) Datasheet(HTML) 4 Page - Hirose Electric

  DF1-9S-2.5R24(05) Datasheet HTML 1Page - Hirose Electric DF1-9S-2.5R24(05) Datasheet HTML 2Page - Hirose Electric DF1-9S-2.5R24(05) Datasheet HTML 3Page - Hirose Electric DF1-9S-2.5R24(05) Datasheet HTML 4Page - Hirose Electric DF1-9S-2.5R24(05) Datasheet HTML 5Page - Hirose Electric DF1-9S-2.5R24(05) Datasheet HTML 6Page - Hirose Electric DF1-9S-2.5R24(05) Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B179
DF1 Series
2.5mm Pitch Connector for Discrete Wire Connection
■Protector
Note:A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
●AWG24 Cable Protector Size
●AWG26, 28 Cable Protector Size
Unit: mm
Unit: mm
Part Number
CL No.
DF1- 2A1.33
DF1- 3A1.33
DF1- 4A1.33
DF1- 5A1.33
DF1- 6A1.33
DF1- 7A1.33
DF1- 8A1.33
DF1- 9A1.33
DF1-10A1.33
DF1-11A1.33
DF1-12A1.33
DF1-13A1.33
DF1-14A1.33
DF1-15A1.33
DF1-16A1.33
DF1-20A1.33
541-0077-1
541-0078-4
541-0079-7
541-0080-6
541-0081-9
541-0082-1
541-0083-4
541-0084-7
541-0085-0
541-0086-2
541-0087-5
541-0088-8
541-0089-0
541-0090-0
541-0091-2
541-0095-3
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
37.5
40
42.5
45
55
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
37.5
47.5
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
Yes
Number of Contacts
A
B
C
RoHS
Part Number
CL No.
DF1- 2A1.05
DF1- 3A1.05
DF1- 4A1.05
DF1- 5A1.05
DF1- 6A1.05
DF1- 7A1.05
DF1- 8A1.05
DF1- 9A1.05
DF1-10A1.05
DF1-11A1.05
DF1-12A1.05
DF1-13A1.05
DF1-14A1.05
DF1-15A1.05
DF1-16A1.05
DF1-20A1.05
541-0096-6
541-0097-9
541-0098-1
541-0099-4
541-0100-1
541-0101-4
541-0102-7
541-0103-0
541-0104-2
541-0105-5
541-0106-8
541-0107-0
541-0108-3
541-0109-6
541-0110-5
541-0114-6
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
37.5
40
42.5
45
55
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
37.5
47.5
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
Yes
Number of Contacts
A
B
C
RoHS
Protector Type
Applicable Jacket Diameter
Recommended Cable
DF1-*A1.33
Ø1.35 to Ø1.45
UL1007 AWG24
DF1-*A1.05
Ø1.1 to Ø1.35
UL1007 AWG26 28
Select the protector after inspecting the cable jacket diameter for use.
*indicates contact No.
Note 1.Product contact No. mark, however 2 and 3 contacts are not indicated.
Note 2.Round hole to distinguish the protector A1.05 and 1.33 (DF1-*A1.05 only)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF1-9S-2.5R24(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-9S-2.5R24 HIROSE-DF1-9S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-9S-2.5R24 HIROSE-DF1-9S-2.5R24 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
More results

Similar Description - DF1-9S-2.5R24(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com