Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114YE Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTA114YE
Description  Digital Transistors (BRT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA114YE Datasheet(HTML) 5 Page - ON Semiconductor

  DTA114YE Datasheet HTML 1Page - ON Semiconductor DTA114YE Datasheet HTML 2Page - ON Semiconductor DTA114YE Datasheet HTML 3Page - ON Semiconductor DTA114YE Datasheet HTML 4Page - ON Semiconductor DTA114YE Datasheet HTML 5Page - ON Semiconductor DTA114YE Datasheet HTML 6Page - ON Semiconductor DTA114YE Datasheet HTML 7Page - ON Semiconductor DTA114YE Datasheet HTML 8Page - ON Semiconductor DTA114YE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2114, MMUN2114L, MUN5114, DTA114YE, DTA114YM3, NSBA114YF3
www.onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2114, MMUN2114L, MUN5114, DTA114YE, DTA114YM3
1000
100
10
1
Figure 2. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
40
50
Figure 3. DC Current Gain
Figure 4. Output Capacitance
010
20
50
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 5. Output Current vs. Input Voltage
100
10
1
0.1
0.01
0.001
01
2
3
4
Vin, INPUT VOLTAGE (V)
56
7
Figure 6. Input Voltage vs. Output Current
VR, REVERSE VOLTAGE (V)
IC/IB = 10
−55°C
150°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
25°C
1
0.1
0.01
40
30
0.1
1
100
10
VCE = 10 V
25°C
150°C
−55°C
10
010
20
30
40
50
100
10
1
0.1
150°C
−55°C
9
8
7
6
5
4
3
2
1
0


Similar Part No. - DTA114YE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTA114YE MOTOROLA-DTA114YE Datasheet
139Kb / 6P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Taiwan Semiconductor Co...
DTA114YE TSC-DTA114YE Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Rohm
DTA114YE ROHM-DTA114YE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
DTA114YE ROHM-DTA114YE Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA114YE JIANGSU-DTA114YE Datasheet
119Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA114YE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com