Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD29050 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HD29050
Description  Dual Differential Line Drivers / ReceiversWith 3 State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29050 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HD29050 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
HD29050
Item
Symbol
Min
Typ
Max
Unit
Conditions
tPLHD
tPHLD
tSKD
Propagation Delay
Time
ns
20
CL = 30 pF, RL = 75
Ω to GND
RL = 180
Ω to VCC
20
ns
CL = 30 pF, RL = 75
Ω to GND
RL = 180
Ω to VCC
4
Propagation Delay
Time Difference
*1
Output Enable Time
tZHD
tZLD
20
35
20
25
Output Disable Time
tHZD
tLZD
ns
ns
ns
ns
ns
CL = 30 pF, RL = 75
Ω to GND
RL = 180
Ω to VCC
CL = 30 pF
RL = 75
Ω to GND
CL = 30 pF
RL = 180
Ω to VCC
CL = 10 pF
CL = 10 pF
RL = 75
Ω to GND
Item
Symbol
Min
Typ
Max
Unit
Conditions
tPLHR
tPHLR
tZHR
Propagation Delay
Time
ns
40
CL = 15 pF
40
ns
CL = 15 pF
Output Enable Time
tZLR
tHZR
25
30
30
Output Disable Time
tLZR
ns
ns
ns
ns
CL = 15 pF
RL = 5 K
Ω to GND
CL = 15 pF
RL = 2 K
Ω to VCC
CL = 15 pF, RL = 5 K
Ω to GND
RL = 2 K
Ω to VCC
20
Note: 1. tSKD
= tPLHD tPHLD
Switching Characteristics (Ta = 25
°C, VCC = 5 V)
Driver
Receiver
HD29050


Similar Part No. - HD29050

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29050P RENESAS-HD29050P Datasheet
163Kb / 14P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
More results

Similar Description - HD29050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
List of Unclassifed Man...
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
   Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
   Dual Differential Line Drivers With 3 State Outputs
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com