Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD29050 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. HD29050
Description  Dual Differential Line Drivers / ReceiversWith 3 State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

HD29050 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HD29050 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
HD29050
Notes: 1. Not more than one output should be shorted at a time, and duration of the short circuit should
not exceed one second.
2. In this table, only the threshold voltage is expressed in algebra.
3. All typical values are at V CC = 5 V, Ta = 25
°C.
Item
Symbol
Min
Typ
Max
Unit Conditions
VTHR
IIBR
Input Current
Differential Input
Threshold Voltage
V
V
mA
mA
VIN = 12 V
0 V
≤ VCC ≤ 5.25 V
VOHR
V
V
0.45
Output Leak Current
IOZR
–100
–100
100
100
µA
µA
VCC = 5.25 V, VO = 0.4 V
VID = 3.0 V, Enable = 2.0 V
VCC = 5.25 V, VO = 2.4 V
VID = –3.0 V, Enable = 2.0 V
VCC = 5.25 V, VO = 0 V
VID = 3.0 V
IOSR
–85
mA
V
Input Voltage
IILE
IIE
–100
µA
0.2
100
–1.5
µA
V
Short Circuit Output
Current
VO
≥ 2.7 V
–7.0 V < VIC < 12 V
VO
≤ 0.45 V
–7.0 V < VIC < 12 V
*2
–0.2
1.0
–0.8
2.7
VIN = –7 V
0 V
≤ VCC ≤ 5.25 V
VCC = 4.75 V, IO = –400
µA
VID = 0.4 V, –7.0 V < V ICM < 12 V
VCC = 4.75 V, IO = 8.0 mA
VID = –0.4 V, –7.0 V < V ICM < 2 V
Output Voltage
VOLR
–15
*1
Input Current
VIHE
VILE
2.0
0.8
IIHE
20
µA
Input Clamp Voltage
VIKE
VCC = 5.25 V, VIL = 0.4 V
VCC = 5.25 V, VIH = 2.7 V
VCC = 5.25 V, VIH = 5.25 V
VCC = 4.75
II = –18 mA
V
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply Current
ICC
55
80
mA
VCC = 5.25 V
*3
Electrical Characteristics (Ta = 0 to +70
°C)
Receiver
Supply
HD29050


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn