Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4701 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL4701
Description  Very Low Power Consumption High Gain Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4701 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL4701 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Description
These devices are very low power
consumption, high gain single
and dual channel optocouplers.
The HCPL-4701 represents the
single channel 8-Pin DIP configu-
ration and is pin compatible with
the industry standard 6N139. The
HCPL-4731 represents the dual
channel 8-Pin DIP configuration
and is pin compatible with the
popular standard HCPL-2731.
The HCPL-070A and HCPL-073A
are the equivalent single and dual
channel products in an SO-8
footprint. Each channel can be
driven with an input current as
low as 40
µA and has a typical
current transfer ratio of 3500%.
These high gain couplers use an
AlGaAs LED and an integrated
high gain photodetector to
provide an extremely high
current transfer ratio between
input and output. Separate pins
for the photodiode and output
stage results in TTL compatible
saturation voltages and high
speed operation. Where desired,
the VCC and VO terminals may be
tied together to achieve conven-
tional Darlington operation
(single channel package only).
These devices are designed for
use in CMOS, LSTTL or other low
power applications. They are
especially well suited for ISDN
telephone interface and battery
operated applications due to the
low power consumption. A 700%
minimum current transfer ratio is
guaranteed from 0
°C to 70°C
operating temperature range at
40
µA of LED current and
VCC ≥ 3V.
The SO-8 does not require
“through holes” in a PCB. This
package occupies approximately
one-third the footprint area of the
standard dual-in-line package.
The lead profile is designed to be
compatible with standard surface
mount processes.
Selection Guide
Widebody
8-Pin DIP
Package
Hermetic
(300 Mil)
Small Outline SO-8
(400 mil)
Single and
Dual
Single
Dual
Minimum
Absolute
Dual
Single
Channel
Channel
Channel
Single
Input ON
Maxi-
Channel
Channel
Package
Package
Package
Channel
Current
Minimum
mum
Packages
Package
HCPL-
HCPL-
HCPL-
Package
(IF)
CTR
VCC
HCPL-
6N139[1]
2731[1]
0701[1]
0731[1]
HCNW139[1]
0.5 mA
400%
18 V
6N138[1]
2730[1]
0700[1]
0730[1]
HCNW138[1]
1.6 mA
300%
7 V
HCPL-4701
4731
070A
0730A
40
µA
800%
18 V
0.5 mA
300%
20 V
5701[1]
5700[1]
5731[1]
5730[1]
Notes:
1. Technical data are on separate Agilent publication.
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-4701#XXX
020 = 5000 V rms/1 minute UL Rating Option.**
060 = VDE 0884 VIORM = 630 V peak Option†
300 = Gull Wing Surface Mount Option.*
500 = Tape and Reel Packaging Option.
*Gull wing surface mount option applies to through hole parts only.
**For HCPL-4701 and HCPL-4731 (8-Pin DIP products) only.
†For HCPL-4701 only. Combination of Option 020 and Option 060 is not available.
Option data sheets available. Contact your Agilent sales representative or authorized distributor for
information.


Similar Part No. - HCPL4701

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4701

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com