Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3160 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-3160
Description  2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3160 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-3160 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-212
H
2.0 Amp IGBT Gate Drive
Optocoupler with Integrated
Over-current Protection and
Fault Feedback
Preliminary Technical Data
Features
• Integrated IGBT
Desaturation Protection
• Integrated Optically Isolated
IGBT Fault Status Feedback
• CMOS Compatible INPUT
and FAULT Status Indicator
• Small Printed Circuit Board
Footprint (SO-16 Package)
• -40
°C to 100°C Operating
Temperature
• Suitable for Integration in
Power Modules
• 2.0 A Minimum Peak Output
Current
• 15 kV/
µs Minimum Common
Mode Rejection (CMR) at
VCM = 1500 V
• VIORM = 890 VPEAK
HCPL-3160
Description
The HCPL-3160 provides low cost,
area efficient IGBT gate drive
that includes desaturation or over
current detection and local IGBT
shutdown. The integrated fault
feedback optocoupler notifies
the controller when the IGBT is
shutdown due to a desaturation
or over current condition.
This data sheet represents the latest information at the time of publication of this catalog. All specifications
subject to change. Samples available Fall 1996.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SHIELD
Functional Diagram
HP 3160
9630
Actual Size


Similar Part No. - HCPL-3160

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
More results

Similar Description - HCPL-3160

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com