Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3160 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-3160
Description  2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3160 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-3160 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3160 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-215
Parameter
Symbol
Min.
Typ.*
Max.
Units
Conditions
Propagation Delay Time
tPLH
0.10
0.30
0.50
µs
Rg = 10
Ω,
to High Output Level
Cg = 10 nF,
Propagation Delay Time
tPHL
0.10
0.50
µs
f = 10 kHz, Duty Cycle = 50%
to Low Output Level
Pulse Width Distortion
pwd
-0.1
0.1
µs
Propagation Delay
tPHL - tPLH
-0.4
0.4
µs
Difference Between
Any Two Parts
Rise Time
tr
0.1
µs
Fall Time
tf
0.1
µs
Propagation Delay
tP(DS)
1.5
µs
Rg = 10
Ω,
Time from Desat to
CG = 10 nF
Low Level Output
Propagation Delay
tPF(DS)
10
µs
RG = 10
Ω,
Time from Desat to
CG = 10 nF
Low Level FAULT Signal
Minimum FAULT
∆t
FAULT
2.0
µs
Signal Pulse Width
UVLO Turn Off Delay
tUVLO OFF
0.6
µs
Output High Level
|CMH|
15
30
kV/
µsT
A = 25°C, INPUT = 5 V,
Common Mode
VCM = 1500 V, VCC = 30 V
Transient Immunity
Output Low Level
|CML|
15
30
kV/
µsT
A = 25°C, VCM = 1500 V,
Common Mode
INPUT = 0 V, VCC2 = 30 V
Transient Immunity
Preliminary Switching Specifications (AC)
Over recommended operating conditions (TA = -40 to 100°C) unless otherwise specified.
*All typical values at TA = 25°C and VCC2 - VEE = 30 V, unless otherwise noted.


Similar Part No. - HCPL-3160

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
More results

Similar Description - HCPL-3160

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com