Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-070A Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-070A
Description  Very Low Power Consumption High Gain Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-070A Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-070A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-070A Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Notes:
1. Specification information is available
form the factory for 1.6 V operation.
Call your local field sales office for
further information.
2. DC CURRENT TRANSFER RATIO is
defined as the ratio of output
collector current, IO, to the forward
LED input current, IF, times 100%.
3. Device considered a two terminal
device: pins 1, 2, 3, and 4 shorted
together, and pins 5, 6, 7, and 8
shorted together.
4. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 V
RMS for 1 second (leakage
detection current limit, II-O ≤ 5 µA.
4a. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 6000 V
RMS for 1 second (leakage
detection current limit, II-O ≤ 5 µA.
This test is performed before the
100% production test for partial
discharge (Method b) shown in the
VDE 0884 Insulation Characteristics
Table.
5. Measured between pins 1 and 2
shorted together, and pins 3 and 4
shorted together.
6. Common transient immunity in a
Logic High level is the maximum
tolerable (positive) dVCM/dt on the
leading edge of the common mode
pulse, VCM, to assure that the output
will remain in a Logic High state (i.e.,
VO > 2.0 V). Common transient
immunity in a Logic Low level is he
maximum tolerable (negative)
dVCM/dt on the trailing edge of the
common mode pulse, VCM, to assure
that the output will remain in a Logic
Low state (i.e., VO < 0.8 V).
7. In applications where dV/dt may
exceed 50,000 V/
µs (such as static
discharge) a series resistor, RCC,
should be included to protect the
detector IC form destructively high
surge currents. The recommended
value is RCC = 220 Ω.
8. Use of a 0.1
µF bypass capacitor con-
nected between pins 8 and 5 adjacent
to the device is recommended.
9. Pin 7 open for single channel product.
10. Use of resistor between pins 5 and 7
will decrease gain and delay time.
Significant reduction in overall gain
can occur when using resistor values
below 47 k
Ω for single channel
product.
11. The Applications Information section
of this data sheet references the
HCPL-47XX part family, but applies
equally to the HCPL-070A and HCPL-
073A parts.
Figure 2. DC Transfer Characteristics
(IF = 0.5 mA to 2.5 mA).
Figure 3. DC Transfer Characteristics
(IF = 50 µA to 250 µA).
Figure 4. Current Transfer Ratio vs.
Forward Current.
Figure 5. Output Current vs. Input
Diode Forward Current.
Figure 6. Input Diode Forward
Current vs. Forward Voltage.
Figure 7. Propagation Delay vs.
Temperature.
0
7
0
VO – OUTPUT VOLTAGE – V
2.0
6
5
4
3
2
1
1.0
TA = 25°C
VCC = 5 V
IF = 250 µ
A
IF = 200 µA
IF = 150 µ
A
IF = 100 µA
IF = 50 µA
0.8
0.01
VF – FORWARD VOLTAGE
1.5
10
1.0
0.1
0.9
1.3
100
1.0
1.1
1.2
1.4
TA = 25°C
IF
VF
+
0
27
0
VO – OUTPUT VOLTAGE – V
2.0
24
21
18
15
12
9
6
3
1.0
TA = 25°C
VCC = 5 V
IF =
2.5
mA
IF =
2.0
mA
IF =
1.5 mA
IF = 1.0
mA
IF = 0.5
mA
0.01
1.25
0
IF – FORWARD CURRENT – mA
10
0.75
0.5
0.25
0.1
1.0
1.0
25°C
70°C
0°C
NORMALIZED
IF = 40 µA
VO = 0.4 V
VCC = 5 V
0
9
0
IF – INPUT DIODE FORWARD CURRENT – mA
0.5
8
7
6
5
4
3
2
1
0.1
VO = 0.4 V
VCC = 5 V
0.2
0.3
0.4
25°C
0°C
70°C
0
0
TA – TEMPERATURE – °C
70
70
60
50
40
30
20
10
50
IF = 0.5 mA
RL = 4.7 kΩ
10
20
30
40
60
tPLH
tPHL


Similar Part No. - HCPL-070A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A AVAGO-HCPL-070A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-070A AVAGO-HCPL-070A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-070A BOARDCOM-HCPL-070A Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
More results

Similar Description - HCPL-070A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com