Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJX3439K Datasheet(PDF) 6 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJX3439K
Description  N Channel P Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJX3439K Datasheet(HTML) 6 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJX3439K Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3439K Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3439K Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3439K Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3439K Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3439K Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOT-563 Tape and Reel
www.cj-elec.com
6
C,Jun,2015
SOT-563 Tape and reel
1000
500
2000
1500
2500
3000
H
W1
W2
D
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
3000 pcs
7 inch
30,000 pcs
203×203×195
120,000 pcs
438×438×220
SOT-563 Embossed Carrier Tape
SOT-563 Tape Leader and Trailer
SOT-563 Reel
Packaging Description:
SOT-563 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 3,000 units per 7"
or 17.8cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
Reel Option
7''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø178.00
54.40
13.00
R78.00
R25.60
R6.50
9.50
12.30
P1
P0
P
A
C
A-A
A
A
Trailer Tape
Leader Tape
50±2 Empty Pockets
100±2 Empty Pockets
Components
Pkg type
SOT-563
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
1.78
1.78
0.69
Ø1.50
1.75
3.50
4.00
4.00
2.00
8.00


Similar Part No. - CJX3439K

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJX3439K ZPSEMI-CJX3439K Datasheet
657Kb / 2P
   N Channel P Channel MOSFET
More results

Similar Description - CJX3439K

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Jiangsu Changjiang Elec...
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
   N Channel P Channel MOSFET
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
   N channelP Channel MOSFET
logo
ZP Semiconductor
CJX3439K ZPSEMI-CJX3439K Datasheet
657Kb / 2P
   N Channel P Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4614 JIANGSU-CJQ4614 Datasheet
890Kb / 6P
   N Channel P Channel Mosfet
CJQ4559 JIANGSU-CJQ4559 Datasheet
1Mb / 6P
   N Channel P Channel Mosfet
CJM7201 JIANGSU-CJM7201 Datasheet
1Mb / 6P
   N-Channel P-Channel MOSFET
logo
Shanghai Leiditech Elec...
LM3439 LEIDITECH-LM3439 Datasheet
597Kb / 5P
   N channelP Channel MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
   N&P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
   N P Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com