Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJX3152P Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJX3152P
Description  Dual P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJX3152P Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJX3152P Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3152P Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3152P Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3152P Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJX3152P Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.01
-0.1
-1
-2
-0
-1
-2
-3
-4
-5
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-1.1
-1.2
300
400
500
600
700
800
900
1000
1100
1200
-1
-2
-3
-4
-5
300
400
500
600
700
800
900
1000
-0
-1
-2
-3
-4
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
25
50
75
100
125
-0.0
-0.2
-0.4
-0.6
-0.8
T
a=100
V
SD
I
S ——
T
a=25
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=-4V,-5V
V
GS=-3V
V
GS=-2.5V
V
GS=-1.5V
T
a=25
Pulsed
Output Characteristics
V
GS=-2V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=-4.5V
T
a=25
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
V
GS=-1.8V
V
GS=-2.5V
T
a=25
T
a=100
I
D=-1A
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
Pulsed
Pulsed
V
DS=-3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
T
a=25
I
D=-250uA
Threshold Voltage
JUNCTION TEMPERATURE T
J
( )
www.cj-elec.com
3
B,Sep,2015


Similar Part No. - CJX3152P

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJX3134K ZPSEMI-CJX3134K Datasheet
1Mb / 3P
   SOT-563 Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJX3134K JIANGSU-CJX3134K Datasheet
845Kb / 5P
   Dual N-Channel MOSFET
CJX3139K JIANGSU-CJX3139K Datasheet
1Mb / 5P
   Dual P-Channel Power MOSFET
More results

Similar Description - CJX3152P

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
ELM Electronics
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
   Dual P-channel MOSFET
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
   Dual P-channel MOSFET
logo
ELM Technology Corporat...
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
   Dual P-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
   Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com