Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJCD2004 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJCD2004
Description  Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJCD2004 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJCD2004 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJCD2004 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJCD2004 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJCD2004 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJCD2004 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
8
012
345
0
4
8
12
16
20
1234
5678
5
10
15
01
23
456
78
9
10
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
Pulsed
Pulsed
T
a=100
V
SD
I
S
——
T
a=25
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=1.5V
V
GS=2V,3V,4V,5V
Output Characteristics
V
GS=1V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=2.5V
V
GS=3.8V
V
GS=10V
T
a=25
Pulsed
V
GS=4.5V
T
a=25
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
T
a=100
T
a=25
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
I
D=8A
V
DS=3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
T
a=25
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
( )
www.cj-elec.com
3
C,May,2015


Similar Part No. - CJCD2004

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJCD2005 JIANGSU-CJCD2005 Datasheet
672Kb / 5P
   Dual N-Channel MOSFET
logo
ZP Semiconductor
CJCD2007 ZPSEMI-CJCD2007 Datasheet
832Kb / 2P
   Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJCD2007 JIANGSU-CJCD2007 Datasheet
879Kb / 5P
   Dual N-Channel MOSFET
More results

Similar Description - CJCD2004

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com