Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ5853DC Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ5853DC
Description  P-channel MOSFET and Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ5853DC Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ5853DC Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DC Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DC Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DC Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DC Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ5853DC Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-2
-4
-6
-8
-10
-0
-2
-4
-6
-8
-10
30
60
90
120
150
-0
-2
-4
-6
-8
0
50
100
150
200
250
-0
-1
-2
-3
-4
-0
-2
-4
-6
-8
-10
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1E-3
-0.01
-0.1
-1
-10
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
R
DS(ON)
——
V
GS
V
GS
=-4.5V
V
GS
=-2.5V
R
DS(ON)
——
I
D
DRAIN CURRENT
I
D
(A)
I
D
=-2.8A
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
Output Characteristics
V
GS
=-2.5V,-3.5V,-4.5V,
V
GS
=-2.0V
V
GS
=-1.5V
V
GS
=-1.0V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
I
S
——
V
SD
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
P-channel Characteristics
www.cj-elec.com
3
E,May,2015


Similar Part No. - CJ5853DC

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ5853DC ZPSEMI-CJ5853DC Datasheet
1Mb / 4P
   DFNWB3횞2-08L-B Power Management MOSFETs-Schottky
logo
Jiangsu Changjiang Elec...
CJ5853DCB JIANGSU-CJ5853DCB Datasheet
1Mb / 6P
   P-channel MOSFET and Schottky Barrier Diode
More results

Similar Description - CJ5853DC

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJLJF3117PB JIANGSU-CJLJF3117PB Datasheet
728Kb / 6P
   P-channel MOSFET and Schottky Barrier Diode
logo
ZP Semiconductor
CJHD4P02F ZPSEMI-CJHD4P02F Datasheet
763Kb / 2P
   P-channel MOSFET and Schottky Barrier Diode
CJLJF3117P ZPSEMI-CJLJF3117P Datasheet
1Mb / 4P
   P-channel MOSFET and Schottky Barrier Diode
CJHD3101F ZPSEMI-CJHD3101F Datasheet
963Kb / 2P
   P-channel MOSFET and Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
CJLJF3117P JIANGSU-CJLJF3117P Datasheet
812Kb / 6P
   P-channel MOSFET and Schottky Barrier Diode
CJ5853DCB JIANGSU-CJ5853DCB Datasheet
1Mb / 6P
   P-channel MOSFET and Schottky Barrier Diode
logo
Sanyo Semicon Device
MCH5818 SANYO-MCH5818 Datasheet
40Kb / 5P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
VEC2815 SANYO-VEC2815 Datasheet
72Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
logo
Fairchild Semiconductor
FDFS2P102 FAIRCHILD-FDFS2P102 Datasheet
87Kb / 5P
   Integrated P-Channel MOSFET and Schottky Diode
logo
Sanyo Semicon Device
CPH5852 SANYO-CPH5852 Datasheet
56Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com