Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ3139KDW Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ3139KDW
Description  Dual P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ3139KDW Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ3139KDW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139KDW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139KDW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139KDW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3139KDW Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.01
-0.1
-1
-2
-0
-1
-2
-3
-4
-5
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-1.1
-1.2
300
400
500
600
700
800
900
1000
1100
1200
-1
-2
-3
-4
-5
300
400
500
600
700
800
900
1000
-0
-1
-2
-3
-4
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
25
50
75
100
125
-0.0
-0.2
-0.4
-0.6
-0.8
T
a
=100℃
V
SD
I
S
——
T
a
=25℃
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=-4V,-5V
V
GS
=-3V
V
GS
=-2.5V
V
GS
=-1.5V
T
a
=25℃
Pulsed
Output Characteristics
V
GS
=-2V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=-4.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
V
GS
=-1.8V
V
GS
=-2.5V
T
a
=25℃
T
a
=100℃
I
D
=-1A
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
Pulsed
Pulsed
V
DS
=-3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=-250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
J
(
)
Typical Characteristics
www.cj-elec.com
3
E,Mar,2016


Similar Part No. - CJ3139KDW

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3139KDW ZPSEMI-CJ3139KDW Datasheet
976Kb / 2P
   SOT-363 Plastic-Encapsulate MOSFETS
logo
Comchip Technology
CJ3139KDW-G COMCHIP-CJ3139KDW-G Datasheet
133Kb / 5P
   MOSFET
More results

Similar Description - CJ3139KDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
VEC2315 ONSEMI-VEC2315 Datasheet
541Kb / 5P
   Dual P-Channel Power MOSFET
October 2015 - Rev. 1
logo
Fairchild Semiconductor
SSD2011A FAIRCHILD-SSD2011A Datasheet
180Kb / 5P
   Dual P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJL1206 JIANGSU-CJL1206 Datasheet
761Kb / 5P
   Dual P-Channel Power MOSFET
CJX3139K JIANGSU-CJX3139K Datasheet
1Mb / 5P
   Dual P-Channel Power MOSFET
logo
ON Semiconductor
EMH2314 ONSEMI-EMH2314 Datasheet
769Kb / 5P
   Dual P-Channel Power MOSFET
July, 2014
logo
First Silicon Co., Ltd
FTK08DFN FS-FTK08DFN Datasheet
250Kb / 4P
   Dual P-Channel Power MOSFET
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
logo
NEC
UPA1774 NEC-UPA1774 Datasheet
78Kb / 8P
   SWITCHING DUAL P-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75211W1723 TI-CSD75211W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com