Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ3134KDW Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ3134KDW
Description  Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ3134KDW Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ3134KDW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KDW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KDW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KDW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ3134KDW Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.10.2
0.30.40.50.6
0.70.80.91.0
1.11.2
200
250
300
350
400
450
500
12
34
5
100
200
300
400
500
600
700
800
01
23
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Pulsed
Pulsed
T
a
=100℃
V
SD
I
S
——
T
a
=25℃
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=4V,5V
V
GS
=3V
V
GS
=2.5V
V
GS
=2V
Output Characteristics
V
GS
=1.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=1.8V
T
a
=25℃
Pulsed
V
GS
=4.5V
V
GS
=2.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
T
a
=100℃
T
a
=25℃
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
I
D
=0.65A
V
DS
=3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
j
(
)
Typical Characteristics
www.cj-elec.com
3
G,Mar,2016


Similar Part No. - CJ3134KDW

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ3134KDW ZPSEMI-CJ3134KDW Datasheet
1Mb / 3P
   SOT-363 Plastic-Encapsulate MOSFETS
More results

Similar Description - CJ3134KDW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com