Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-9900-CH Datasheet(PDF) 3 Page - Level One

Part # FCS-9900-CH
Description  Multiple servers can be located at multiple sites
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-9900-CH Datasheet(HTML) 3 Page - Level One

  FCS-9900-CH Datasheet HTML 1Page - Level One FCS-9900-CH Datasheet HTML 2Page - Level One FCS-9900-CH Datasheet HTML 3Page - Level One FCS-9900-CH Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Supported Camera Models
IP CamSecure Pro Mega Series
FCS-94 04/08/16/25/36/64
FCS-0010, FCS-0020, FCS-0030, FCS-0040, FCS-1010, FCS-1030, FCS-1040, FCS-1050, FCS-1060, FCS-1070, FCS-1081, FCS-1081A, FCS-1091,
FCS-1101, FCS-1121, FCS-1131, FCS-1141, FCS-1151, FCS-3000 , FCS-0031, FCS-3021, FCS-3031, FCS-3051, FCS-3061, FCS-3071, FCS-3081,
FCS-3091, FCS-4x00, FCS-4020, FCS-7011, WCS-0010, WCS-0020, WCS-0030, WCS-0040, WCS-1090, WCS-2010, WCS-2030, WCS-2040,
WCS-2060, WCS-2070, FCS-4010, FCS-5011, FCS-5030, FCS-5041, FCS-5051, FCS-7111, FCS-8005, FCS-8006
Model name
Camera Support
LevelOne
ACTi
Arecont Vision
ATLANTIS LAND
AXIS
D-Link
ETROVISION
Hitron
FINE
IQin
JVC
Lumenera
MOBOTIX
Panasonic
PiXORD
PLANET
PROBE
SAMSUNG
SONY
TOSHIBA
SED 2100, SED 2120, SED 2140, SED 2400, SED 2420, SED 2600, SED 2610, SEM 1110, ACM SERIES, CAM 5300, CAM 5130, CAM 5140, CAM
5150, CAM 5500, CAM 6100, CAM 6200, CAM 6500, CAM 6510, CAM 6520, CAM 6600, CAM 7100,
CAM 7120, CAM 7200, CAM 7220, CAM 7300, CAM 7320, CAM 6620, SED 2310, SED2320, CAM 5200, CAM 5XXX, CAM 6220, CAM 6XXX, CAM
7XXX, SEM 1XXX
AV1300, AV2000, AV2100, AV3100, AV3130, AV5100, AV8180, AV8360
A02-OIPCAM1, A02-OIPCAM2, A02-OIPCAM3, A02-IPCAM5, A02-IPCAM6, A02-IPCAM7, A02-IPCAM8, A02-IPCAM9,
A02-IPCAM10, A02-IPCAM11, A02-IPCAM12, A02-IPCAM13 ,A02-IPCAM14, A02-IPCAM15, A02-IPCAM16, A02-IPCAM17
205, 206, 206M, 206W, 207, 207W, 207MW, 209FD, 210, 210A, 211, 211A, 212, 213, 214, 215, 216FD, 221, 225FD, 231D, 232D, 240Q, 241Q,
241QA, 241S, 241SA, 242S, 2460, 233D
DCS-6620, DCS-6620G, DCS-5220, DCS-5300, DCS-5300G, DCS-2120, DCS-3420, DCS-3220, DCS-3220G, DCS-2100, DCS-2100G, DVS-104,
DVS-301, DCS-900, DCS-G900, DCS-950, DCS-950G
EVxx10
HNCB-E1SN, HNG-E1SAW0S4, HWD125MN, HECMC4V0C4
TCP-690, TCP-690DN, TCP-HP930, WB-8211SD, WB-8411, CDV-3V930, TCP-690U, TCP-HP930U, WB-8211SDU, CDV-3V930U, EP-936
,
EP-908, EP-601, EP-201, EP-221, EP-221DN
IQeye301, IQeye301m, IQeye301w, IQeye302, IQeye302w, IQeye303, IQeye303w, IQeye501, IQeye511, IQeye601, IQeye602 , IQeye603,
IQeye701, IQeye702, IQeye703, IQeye705, IQeye751, IQeye752, IQeye753, IQeye755
VN-C20U, VN-E4(U), VN-C205U, VN-C215U, VN-C655U
le045c, le045c-dn, le075c, le075c-dn, le165c, le165c-dn, le175c, le175c-dn, le259c, le275c, le275c-dn, le375c, le375c-dn, le11059c
M10D-Night, M12D-Sec, M12D-IT-DNight, M12D-Sec-Dnight, M12M-Web, M22M-IT, M22M-Sec, M22M-Sec-Night, D12Di-IT, D12Di-Sec
BB-HCM311, BB-HCM331, BB-HCM371, BB-HCM381, BB-HCE481, BB-HCS301, BB-HCM511, BB-HCM515, BB-HCM581, BL-C10, BL-C1, BL-C20,
BL-C30, BL-C111, BL-C131, KX-HCM110, KX-HCM280A, WV-NP472, WV-NS324, WV-NF284,WV-NP1000,
WV-NP1004, WV-NM100, WV-NP240, WV-NP244, WV-NS202, WV-NW484, WV-NW964
100, 120/126/128, 200/206, 201, 205, 207, 240, 241, 261, 262, 263, 300, 400/42X, 461, 463, 1000, 1401, 2000, 4000, 8504, 405, 405M, 410,
411/412
ICA-510, ICA-700, ICA-151W, ICA-151, ICA-750, ICA-107W, ICA-107P, ICA-107
IP Fixed Camera, IP PTZ Camera
C6475
SNC-DF40, SNC-DF70, SNC-P1, SNC-P5, SNC-RZ25, SNC-RZ50, SNC-RX550, SNC-CS50, SNC-CS3, SNC-Z20, SNC-RZ30, SNC-CS10, SNC-CS11,
SNT-V704, SNC-RX530, SNC-DF50, SNC-DF80
IK-WB02A, IK-WR01A, IK-WB21A, IK-WB15A
Technical Specification
System Requirement
Setup A: Install all components on one Server (PC)
CPU
RAM
Hard Disk
Display
LAN
OS
One Server
Intel Core 2 Quad
2GB or above
250GB or above
ATI X4350 or
Gigabit LAN
MS Winodws XP Pro
Q9550 @ 2830MHz
nVidia GeForce 9500
SP3 / Vista /
or above
2003 / 7 / 2008 R2
Setup B: Install components on four Server (PC); CMS Client and Matrix on PC1, CMS Server on PC2, SQL Server on PC3 and another Matrix on PC4
CPU
RAM
Hard Disk
Display
LAN
OS
PC1
Intel Core 2 Quad
2GB or above
250GB or above
ATI X4350 or above
Gigabit LAN
MS Winodws XP Pro
Q6660 @ 2400MHz
SP3 / Vista /
2003 / 7 / 2008 R2
PC2
Intel Core 2 Duo E4500
1GB or above
250GB or above
ATI X1600 or above
Gigabit LAN
MS Winodws XP Pro
SP3 / Vista /
2003 / 7 / 2008 R2
PC3
Intel Core 2 Duo E4500
1GB or above
250GB or above
ATI X1600 or above
Gigabit LAN
MS Winodws XP Pro
SP3 / Vista /
2003 / 7 / 2008 R2
PC4
Intel Core 2 Quad
2GB or above
250GB or above
ATI X4350 or above
Gigabit LAN
MS Winodws XP Pro
Q6660 @ 2400MHz
SP3 / Vista /
2003 / 7 / 2008 R2


Similar Part No. - FCS-9900-CH

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-9364 LVL1-FCS-9364 Datasheet
1Mb / 3P
   OneSecure Video Management Software
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
FCS-9408 LVL1-FCS-9408 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
FCS-9416 LVL1-FCS-9416 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
FCS-9425 LVL1-FCS-9425 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
More results

Similar Description - FCS-9900-CH

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS299 XILINX-DS299 Datasheet
527Kb / 14P
   Has multiple trigger ports, which can be combined
logo
STMicroelectronics
AN1934 STMICROELECTRONICS-AN1934 Datasheet
808Kb / 32P
   This circuit can be used to produce multiple outputs
logo
Lapp.
52105020 LAPP-52105020 Datasheet
99Kb / 1P
   SKINDICHT® DTN can be used as multiple-duct sleeve.
03.07.2018
logo
Nel Frequency Controls,...
AA-X36KXXX-X NEL-AA-X36KXXX-X Datasheet
160Kb / 3P
   The outputs can be disabled for test automation or combining multiple clocks
AB-A3DBXXX-X NEL-AB-A3DBXXX-X Datasheet
159Kb / 3P
   The outputs can be disabled for test automation or combining multiple clocks
logo
M/A-COM Technology Solu...
MA4E20XX MA-COM-MA4E20XX Datasheet
751Kb / 4P
   Multiple Configurations
logo
Bel Fuse Inc.
LDX-U20 BEL-LDX-U20 Datasheet
696Kb / 5P
   Multiple protections
logo
CUI INC
SJ2-2591X-SMT CUI-SJ2-2591X-SMT Datasheet
696Kb / 4P
   multiple switch configurations
logo
LinkCom Manufacturing C...
45W-MB4N LINKCOM-45W-MB4N Datasheet
347Kb / 2P
   45W Multiple Channels
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
   Multiple configuration options
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com