Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC-0105 Datasheet(PDF) 1 Page - Level One

Part No. DAC-0105
Description  RoHS Compatible
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo 

DAC-0105 Datasheet(HTML) 1 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DAC-0105 하드웨어 버전: 1
10Gbps SFP Direct Attach Copper Cable, Twinax
The SFP+ passive cable assemblies are high performance, cost effective I/O solutions for 10G Ethernet and 10G Fiber
Channel applications. SFP+ copper modules allow hardware manufactures to achieve high port density, configurability
and utilization at a very low cast and reduced power budget. The high speed cable assemblies meet and exceed Gigabit
Ethernet and Fiber Channel industry standard requirements for performance and reliability
Key Features
- Support for multi-gigabit data rates up to 10.5Gbps
- Data rates backward compatible to 1Gbps
- Hot-pluggable SFP 20PIN footprint
- I/O Connector designed for high speed differential signal applications
- Improved Pluggable Form Factor(IPF) compliant for enhanced EMI/EMC performance
- Compatible to SFP+ MSA
- Temperature Range: 0~ 70 °C
- RoHS Compatible
제품사양
System Specifications
Connectors and Cabling:
Passive Copper Cable AWG 26
Power Input:
Supply Voltage: 3.3V
Max Voltage/Current: 3.6V/300mA
Features
General:
Hot-swappable
Performance
Data Transfer Rate:
Support for multi-gigabit data rates up to 10.5Gbps
Operating Distance:
5 meters
Environment
www.level1.com
Page 1 of 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn